Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLGS52F Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLGS52F
Description  Langasite (LGS) - Crystal Resonator Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLGS52F Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLGS52F Datasheet HTML 1Page - Advanced XTAL Products AXLGS52F Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXLGS52F
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 9
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLGS52F
Issue: 02
Date: 2005-07-15
Type :
Langasite (LGS) - Crystal Resonator Unit
Parameter
min.
typ. max. Unit
Condition
Frequency range
5
29
MHz
Actual frequency
MHz
Crystal cut
Rotated Y
Overtone
1
Load capacitance CL
See ordering code
pF
30 pF if not specified
Adjustment tolerance
-10
+10
ppm
@ 25°C
Frequency offset
ppm
Frequency stability
ppm
Overall (Note 1)
vs. temperature
in operating frequency range (steady state)
-20
0
20
+50
ppm
°C
See chart page 2
long term (aging)
2
ppm
per year @ +55°C
Resonance resistance Rr
15
Motional capacitance C1
40
150
fF
Increasing with frequency
Shunt capacitance C0
7
pF
Drive level
100
µW
Drive level dependence (DLD)
IEC 60444-6
Unwanted responses
2·Rr
Insulation resistance
500
M
100 V DC
Operable temperature range
-40
+85
°C
Storage temperature range
-55
+125
°C
Enclosure (see drawing)
HC-52/U
IEC 60122-3 (Note 5)
Can height
8.8 max.
mm
SMD configuration
on request
marking
Frequency (MHz)
Spec
Date Code
Side 1
(Note 2)
Packing
bulk
IEC 60286-3
Notes:
1.
Overall frequency stability = initial tolerance + temp. stability + aging (1
st year)
2.
Date Code format wwAXyy
3.
Terminology and test conditions are according to IEC standard IEC60122-1, unless otherwise stated
4.
Measurement technique according to IEC 60444-5 or equivalent
5.
UM-1 or UM-5 package available on request
Ordering Code:
Model (Specification)
Load capacitance*
[pF]
Frequency
[MHz]
AXLGS52F
20
10.000
*Series resonance: “S”


Similar Part No. - AXLGS52F

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLGS635F AXTAL-AXLGS635F Datasheet
105Kb / 2P
Langasite (LGS) SMD Crystal Resonator Unit
2005-07-15
More results

Similar Description - AXLGS52F

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXGAP52F AXTAL-AXGAP52F Datasheet
67Kb / 2P
GaPO4 - Crystal Resonator Unit
2005-07-15
AXLGS635F AXTAL-AXLGS635F Datasheet
105Kb / 2P
Langasite (LGS) SMD Crystal Resonator Unit
2005-07-15
logo
Shoulder Electronics Li...
TF26 SHOULDER-TF26 Datasheet
181Kb / 2P
CRYSTAL RESONATOR
49S SHOULDER-49S Datasheet
175Kb / 3P
CRYSTAL RESONATOR
ZM206 SHOULDER-ZM206 Datasheet
170Kb / 4P
CRYSTAL RESONATOR
SMD0503 SHOULDER-SMD0503 Datasheet
217Kb / 5P
CRYSTAL RESONATOR
49S-SMD SHOULDER-49S-SMD Datasheet
89Kb / 3P
CRYSTAL RESONATOR
logo
AEL Crystals Ltd
HC51U AEL-HC51U Datasheet
58Kb / 1P
Crystal Resonator
logo
Advanced XTAL Products
AXLCM610-AU AXTAL-AXLCM610-AU Datasheet
254Kb / 2P
Langasite Crystal Microbalance Element
2014-06-02
AXLCM620-AU AXTAL-AXLCM620-AU Datasheet
254Kb / 2P
Langasite Crystal Microbalance Element
2014-06-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com