Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS00519 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLS00519
Description  5 Pin MIDI DIN Plug with Metal Body and Rubber Strain Relief
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PLS00519 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLS00519 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
25/11/21
5 Pin MIDI DIN Plug with Metal Body
and Rubber Strain Relief
Newark.com/b/Pulse
Farnell.com/b/Pulse
sg.element14.com/b/pulse
Part Number Table
Description
Part Number
5 Pin MIDI DIN Plug with Metal Body & Rubber Strain Relief
PLS00519
Specifications
No. of Contacts
: 5 Contact
Gender
: Plug
Connector Mounting
: Free Hanging
Contact Termination
: Solder
Connector Body Material : Metal Body
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. PULSE is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - PLS00519

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLS00548 ETC-PLS00548 Datasheet
165Kb / 1P
Ground Loop Isolator 3.5mm Stereo Plug to Socket
V1.0 25/11/21
PLS00593 ETC-PLS00593 Datasheet
151Kb / 1P
Wheeled Laptop and Projector Floor Stand
V1.0 18/01/22
More results

Similar Description - PLS00519

ManufacturerPart #DatasheetDescription
logo
ITT Industries
045703-0001 ITT-045703-0001 Datasheet
242Kb / 1P
Straight plug Grommet seal with strain relief Solder Cup / Pin / Layout: 12-3
045704-0006 ITT-045704-0006 Datasheet
248Kb / 1P
Straight plug Grommet seal with strain relief Solder Cup / Pin / Layout: 14-15
logo
Hammond Manufacturing L...
1581C6UK HAMMOND-1581C6UK Datasheet
122Kb / 1P
Molded Plug Ends With Strain Relief
1581C6NA250 HAMMOND-1581C6NA250 Datasheet
191Kb / 1P
Molded Plug Ends With Strain Relief
1581C6NA HAMMOND-1581C6NA Datasheet
190Kb / 1P
Molded Plug Ends With Strain Relief
1581C6IEC HAMMOND-1581C6IEC Datasheet
190Kb / 1P
Molded Plug Ends With Strain Relief
1581C6EU HAMMOND-1581C6EU Datasheet
127Kb / 1P
Molded Plug Ends With Strain Relief
logo
Glenair, Inc.
152_001 GLENAIR-152_001 Datasheet
170Kb / 1P
Audio plug with wire strain relief
logo
Molex Electronics Ltd.
0449150021 MOLEX1-0449150021_18 Datasheet
33Kb / 2P
Modular Plug, Category 6, Long Body, Shielded, 8/8, with Strain Relief
0449150022 MOLEX1-0449150022_18 Datasheet
33Kb / 2P
Modular Plug, Category 6, Long Body, Shielded, 8/8, with Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com