Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSU2052 Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # MSU2052
Description  low working voltage 16 MHz ROM less MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU2052 Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button MSU2052 Datasheet HTML 5Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 6Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 7Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 8Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 9Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 10Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 11Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 12Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 13Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
Rev. 1.0 February 1998
MOSEL VITELIC
MSU2052/U2032
DC Characteristics
(16 MHz, typical operating conditons, valid for U20x2L series)
Symbol
V ILX
V ILE
V ILR
V IHX
V IHE
V IHR
V OLA
V OL0
V OL1
V OHA
V OH0
V OH1
V OH2
I IL
I IH
I TL
I LI
R RES
R X
C IO
I CC
Parameter
Input Low Voltage
"
"
Input High Voltage
"
"
Output Low Voltage
"
"
Output High Voltage
"
"
"
"
"
"
"
Logical 0 Input Current
Logical 1 Input Current
Logic Transition Current
Input Leakage Current
Reset Pulldown Resistance
Crystal feedback Resistance
Pin Capacitance
Power Supply Current
Valid
XTAL1
#EA
RES
XTAL1
#EA
RES
ALE, #PSEN
ports 0,3
ports 1,2
ALE, #PSEN
port 0
ports 1,3
port 2
ports 1,2,3
port 0
ports 1,2,3
port 0
RES
XTAL1,2
Vdd
Vdd
Vdd
Min.
Typ.
Max
Unit
mV
mV
mV
V
V
V
mV
mV
mV
V
V
V
V
V
V
V
V
uA
uA
uA
uA
Kohm
Kohm
pF
mA
mA
uA
Test Conditions
I OL = 3.2 mA
I OL = 3.2 mA
I OL = 1.6 mA
I OH = -60 uA
I OH = -10 uA
I OH = -800 uA
I OH = -80 uA
I OH = -60 uA
I OH = -10 uA
I OH = -60 uA
I OH = -10 uA
V in = 0.45 V
V in = 3.0 V
V in = 1.4 V
0.45V < Vin < Vcc
Freq=1MHz, Ta=25 ¢J
Active mode, 16 MHz
Idle mode, 16MHz
Power down mode
1.8
2.4
2.2
2.4
1.8
2.4
1.8
2.4
50
90
2
1
10
Vcc+0.3
Vcc+0.3
Vcc+0.3
400
400
400
45
1
250
8
150
330
10
7
4.5
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com