Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002LDBVR Datasheet(PDF) 8 Page - Texas Instruments

Part # 2N7002LDBVR
Description  2N7002L 6V N-channel MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

2N7002LDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button 2N7002LDBVR Datasheet HTML 4Page - Texas Instruments 2N7002LDBVR Datasheet HTML 5Page - Texas Instruments 2N7002LDBVR Datasheet HTML 6Page - Texas Instruments 2N7002LDBVR Datasheet HTML 7Page - Texas Instruments 2N7002LDBVR Datasheet HTML 8Page - Texas Instruments 2N7002LDBVR Datasheet HTML 9Page - Texas Instruments 2N7002LDBVR Datasheet HTML 10Page - Texas Instruments 2N7002LDBVR Datasheet HTML 11Page - Texas Instruments 2N7002LDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
6 Detailed Description
6.1 Overview
The 2N7002L is an N-channel enhancement-mode MOSFET designed for general purpose switching in low-
voltage , low-current applications. In a typical low-side configuration, the source is tied to ground and the gate is
driven by a logic-level signal. When the gate voltage exceeds the threshold voltage, the MOSFET turns on and
provides a low on-resistance path between drain and source.
6.2 Functional Block Diagram
Drain
Gate
Source
6.3 Feature Description
The 2N7002L is a voltage-controlled N-channel MOSFET in which drain-to-source conduction is controlled by
the applied gate-to-source voltage. When the gate-to-source voltage exceeds the gate threshold voltage, a
conduction channel is formed between the drain and source terminals. The channel resistance decreases as the
gate-to-source voltage increases.
When the gate-to-source voltage is below the threshold voltage, the drain-to-source path presents a high
impedance and limits current flow to leakage levels. The gate draws very little steady-state current, allowing the
device to be controlled directly by logic-level signals. The relatively small gate charge and parasitic capacitances
support switching operation.
When the device is turned on, how much current flows and which direction it flows depend on the voltages at
the drain and source pins and on the other components connected in the circuit, such as pull-up or pull-down
elements. When the device is turned off, an internal diode may still allow current to flow in one direction,
depending on the voltage across the device, and this behavior should be considered when designing the circuit.
6.4 Device Functional Modes
Table 6-1 lists the functional modes of the device.
Table 6-1. Function Table
MODE
DESCRIPTION
OFF
VGS < threshold; device does not
conduct
ON
VGS > threshold; device conducts
2N7002L
SLVSJE8A – DECEMBER 2025 – REVISED FEBRUARY 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: 2N7002L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com