Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151CDDFR Datasheet(PDF) 16 Page - Texas Instruments

Part # INA151CDDFR
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151CDDFR Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA151CDDFR Datasheet HTML 12Page - Texas Instruments INA151CDDFR Datasheet HTML 13Page - Texas Instruments INA151CDDFR Datasheet HTML 14Page - Texas Instruments INA151CDDFR Datasheet HTML 15Page - Texas Instruments INA151CDDFR Datasheet HTML 16Page - Texas Instruments INA151CDDFR Datasheet HTML 17Page - Texas Instruments INA151CDDFR Datasheet HTML 18Page - Texas Instruments INA151CDDFR Datasheet HTML 19Page - Texas Instruments INA151CDDFR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
7 Detailed Description
7.1 Overview
7.1.1 INA151 Transconductance Architecture Overview
The INA151 employs a transconductance-based architecture utilizing current-feedback amplifier topology to
achieve low bias currents of 20μA and a common-mode voltage of 110V above negative supply. The block
diagram illustrated in Figure 7-1 demonstrates the dual-stage approach of this architecture. In the first stage
the differential voltage is translated to a differential current through R1. The differential output current is further
converted into a single-ended output voltage in the second amplifier stage.
The closed-loop voltage gain VOUT/VIN is established by the ratio of the internal precision resistors R3 by
R1. Consequently, gain accuracy is mainly limited by the resistor matching tolerance between the signal paths,
making precision thin-film resistor implementation critical for the performance.
These key architectural features make the INA151 ideally suited for serial stacked battery cell monitoring
applications, enabling precise voltage measurements across up to 20 series-connected battery cells.
The INA151 encompasses four gain variants. The INA151A version offers gain option of 1, while the INA151B,
INA151C and INA151D versions offer gain options of ⅔, ½ and ¼ respectively. The multiple gain variants are
designed to accommodate the full-scale input ranges of various ADC requirements, maximizing measurement
resolution and dynamic range.
7.1.2 Multiplexing Capability
The integrated enable/disable control with high-impedance output state facilitates multiplexed operation modes.
This architecture enables parallel connection of multiple INA151 devices with common output nodes, allowing
sequential amplifier selection for single ADC sampling applications through digital enable control.
The INA151 is available in industry standard packages including SOT-23.
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
www.ti.com
16
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com