Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3TU01FST Datasheet(PDF) 1 Page - IMO Precision Controls Ltd.

Part # B3TU01FST
Description  Pushbuttons B3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMO [IMO Precision Controls Ltd.]
Direct Link  https://imopc.com/
Logo IMO - IMO Precision Controls Ltd.

B3TU01FST Datasheet(HTML) 1 Page - IMO Precision Controls Ltd.

  B3TU01FST Datasheet HTML 1Page - IMO Precision Controls Ltd. B3TU01FST Datasheet HTML 2Page - IMO Precision Controls Ltd. B3TU01FST Datasheet HTML 3Page - IMO Precision Controls Ltd. B3TU01FST Datasheet HTML 4Page - IMO Precision Controls Ltd. B3TU01FST Datasheet HTML 5Page - IMO Precision Controls Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A Actuator or lens cap.
B P642 insert for use with contact in centre
position
C B4V extension bar
D Locking ring
E Mounting collar
F Contact blocks/lampholders
G Base/DIN rail mount
www.imopc.com
F
E
D
B
A
Pushbuttons B3
T IP65 protection
T Opaque or illuminated
T Metal or Black bezels
T Snap-on contact blocks
T Colour coded contacts
T Pushbutton stations
T International approvals including UL and CSA
Options and ordering codes
To order – select actuator + mounting collar + contacts
B3/07/08
BS
3
B3
S
3
Metal bezel
Black bezel
Chrome bezel
Actuator 22.5mm
Series
B
BS
BC
B3
Mounting collar snap on
Mounting collar screw fix
S
M
Green
Colour
Refer to colours
available
D
Flush
Flush illuminated
Mushroom
Rotary
Rotary lever
Key operated
Lens cap
Flush maintained
Twin head
Flush maintained
Flush illuminated maintained
D
DL
P
K
KR
A
R
DLBR
DT
DR
DLR
Actuator
Mounting collar
G
F
D
C
A
Exploded view


Similar Description - B3TU01FST

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2 Datasheet
179Kb / 5P
Contactless Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
Subminiature Pushbuttons
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
Subminiature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
Miniature Pushbuttons
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
Miniature Pushbuttons
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
Miniature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
Subminiature Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
Subminiature Pushbuttons
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com