Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3T10FST Datasheet(PDF) 4 Page - IMO Precision Controls Ltd.

Part # B3T10FST
Description  Pushbuttons B3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMO [IMO Precision Controls Ltd.]
Direct Link  https://imopc.com/
Logo IMO - IMO Precision Controls Ltd.

B3T10FST Datasheet(HTML) 4 Page - IMO Precision Controls Ltd.

  B3T10FST Datasheet HTML 1Page - IMO Precision Controls Ltd. B3T10FST Datasheet HTML 2Page - IMO Precision Controls Ltd. B3T10FST Datasheet HTML 3Page - IMO Precision Controls Ltd. B3T10FST Datasheet HTML 4Page - IMO Precision Controls Ltd. B3T10FST Datasheet HTML 5Page - IMO Precision Controls Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.imopc.com
Pushbuttons B3 continued
B3/07/08
Technical data
Terminal markings for control units according to DIN EN 50013
Colour Codes
Distinc.
Contacts
number
elements
Distinc.
Contacts
number
elements
Distinc.
Contacts
number
elements
Distinc.
Contacts
number
elements
Distinc.
Contacts
number
elements
The actuators of the contact blocks are colour
coded, green for NO, red for NC.
The colour code permits to know the function of
contacts at first sight and gives additional safety
against wrong wiring.
Exploded view enclosure assembly
Specification
G
F E
D
C
B
A
A Enclosure base with built in contact block clips
B Contact blocks/lamp holders
C Locking ring
D Enclosure lid
E Legend plates
F Captive screws (after screw in) loose in enclosure on delivery
G Actuators and lens caps
Data according to IEC947-5-1, VDE0660, EN60947-5-1
Rated insulation voltage
V AC
500
AC12 – resistive loads
220-240V
A
10
380-415V
A
10
AC15 – Electromagnetic loads
220-240V
A6
380-415V
A5
DC12 – resistive L/R = 1mS
24V
A
10
60V
A6
110V
A
2.5
220V
A
0.8
DC14 – Electromagnetic L/R = 15mS
24V
A8
DC14 – With economy resistors
60V
A1
110V
A2
220V
A
0.5
DC13 – Electromagnets L/R = 300mS
24V
A2
60V
A5
110V
A
0.5
220V
A
0.2
Mechanical life
Millions of operations
10
Contact life (AC15)
100VA
Millions of operations
10
300VA
3
800VA
1
1200VA
0.5
Maximum frequency of operations
Ops per hour
600
Short circuit protection
slow gL
A
10
Ambient temperature
˚C
-20 to +50
Cable cross-section
Solid
mm2
0.5 – 2.5
Flexible
mm2
0.5 – 2.5
Cables per clamp
2
Mounting hole
Ømm
22.5
Mounting position
Optional
Terminal screws
Pozidrive No 2 screws 3.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com