Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3TU10FST Datasheet(PDF) 5 Page - IMO Precision Controls Ltd.

Part # B3TU10FST
Description  Pushbuttons B3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMO [IMO Precision Controls Ltd.]
Direct Link  https://imopc.com/
Logo IMO - IMO Precision Controls Ltd.

B3TU10FST Datasheet(HTML) 5 Page - IMO Precision Controls Ltd.

  B3TU10FST Datasheet HTML 1Page - IMO Precision Controls Ltd. B3TU10FST Datasheet HTML 2Page - IMO Precision Controls Ltd. B3TU10FST Datasheet HTML 3Page - IMO Precision Controls Ltd. B3TU10FST Datasheet HTML 4Page - IMO Precision Controls Ltd. B3TU10FST Datasheet HTML 5Page - IMO Precision Controls Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.imopc.com
Pushbuttons B3 continued
B3/07/08
Dimensions (mm)
Panel mounting
Base mounting
DIN-rail mounting
46 70
0.5-4
52
M
M
56.8
7.3
Mounting holes
Contact blocks
Base B4U
Lamp holders B4 . . .
Dimensions of minimum space
requirements (according to EN
50007 and IEC337-2C). Take to
consideration the field of traverse
of swing knobs (27mm) and the
diameter of mushroom heads.
30
30
22.3+05
M
M
-00
3.2+05-00
Enclosures for Custom Built Stations
Three conduit entries (knockouts), each on top, left and right side, suitable for Pg 13.5. Version “CSA” with three knockouts Ø 22.2mm.
BG1
BG1YEL
BG2
BG3
75
45
165
153
51
45
45
45
M
M
M
19.5
5
108
120



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com