Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC03M96 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC03M96
Description  High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC03M96 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC03M96 Datasheet HTML 1Page - Texas Instruments CD74HC03M96 Datasheet HTML 2Page - Texas Instruments CD74HC03M96 Datasheet HTML 3Page - Texas Instruments CD74HC03M96 Datasheet HTML 4Page - Texas Instruments CD74HC03M96 Datasheet HTML 5Page - Texas Instruments CD74HC03M96 Datasheet HTML 6Page - Texas Instruments CD74HC03M96 Datasheet HTML 7Page - Texas Instruments CD74HC03M96 Datasheet HTML 8Page - Texas Instruments CD74HC03M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Functional Diagram
Logic Symbol
TRUTH TABLE
AB
Y
L
L
Z (Note 1)
H (Note 2)
H
L
Z (Note 1)
H (Note 2)
L
H
Z (Note 1)
H (Note 2)
HH
L
L
NOTES:
1. Without pull-up (high impedance)
2. Requires pull-up (RL to VL)
1A
1B
2A
2B
3A
3B
4A
4B
1
2
4
5
9
10
12
13
3
6
8
11
1Y
2Y
3Y
4Y
GND = 7
VCC = 14
nA
nB
nY
CD54HC03, CD74HC03, CD54HCT03, CD74HCT03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com