Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTH06AS3K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RTH06AS3K
Description  NTC Military Grade Thermistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTH06AS3K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RTH06AS3K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Military Grade Leaded Thermistors
800-554-4784
www.thermistor.com
21
NTC Military Grade Thermistors
TABLE 2 Resistance Temperature Characteristics Multipliers
TEMPERATURE (°C)
RATIO 19.8 (A)
RATIO 29.4 (B)
RATIO 48.7 (C)
–55
54.790
100.00
–
–15
5.770
7.380
8.800
0
2.850
3.270
3.660
25
1.000
1.000
1.000
50
.405
.360
.3200
75
.184
.148
.1160
100
.0923
.0675
.0470
125
.0503
.0340
.0205
Ordering Information
Tolerance Code
Number of Zeros
1st 2 Resistance Digits
S = Solderable Leads
Ratio Per Table 2
Style
RTH06 B S 10 3 F
K = 10%
J =
5%
G =
2%
F =
1%
T
hese high-rel thermistors are suitable for critical
applications in temperature measurement, temperature
control, amplifier stabilization, power control,
microprocessor interfacing, and numerous other applications.
As the industry leader in Mil-Spec devices, we have a part to
fill any need.
Style RTH06 MIL-PRF-23648/1 Qualified
Note: Dimension in inches, (millimeters in parentheses)
Style RTH44 MIL-PRF-23648/20 Qualified
100
80
60
40
20
0
-.55
-.20
0
20
40
80
120
140
160
25°C
125°C
TABLE 1 Derating Curve for High Ambient Temperatures
Ambient Temperature (°C)
Tolerance Options:
STYLE
RESISTANCE (OHMS)
RESISTANCE
DISSIPATION
THERMAL TIME
POWER RATING
MIL-PRF-23648
RANGE AVAILABLE
RATIO
CONSTANT
CONSTANT
@ 25C
RESISTANCE RATIO
MIN-MAX
MAX. SECONDS
(derating per Table 1)
R(25C)/R(125C)
68-560
A
5mW/C
80
0.5 Watts
19.8
RTH06
680-4700
B
5mW/C
80
0.5 Watts
29.4
7.5K-75K
C
5mW/C
80
0.5 Watts
48.7
300-3000
A
2mW/C
25
0.2 Watts
19.8
RTH44
1000-10K
B
2mW/C
25
0.2 Watts
29.4
15K-500K
C
2mW/C
25
0.2 Watts
48.7


Similar Part No. - RTH06AS3K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTH010 ETC1-RTH010 Datasheet
712Kb / 11P
9GHz Bandwidth 1GS/s Dual Track-and-Hold
RTH010DIE ETC1-RTH010DIE Datasheet
712Kb / 11P
9GHz Bandwidth 1GS/s Dual Track-and-Hold
RTH010QFP ETC1-RTH010QFP Datasheet
712Kb / 11P
9GHz Bandwidth 1GS/s Dual Track-and-Hold
logo
RFHIC
RTH07003-20D RFHIC-RTH07003-20D Datasheet
581Kb / 6P
GaN Doherty Hybrid Amplifier
RTH07007-10 RFHIC-RTH07007-10 Datasheet
1Mb / 6P
Surface Mount Hybrid Type
More results

Similar Description - RTH06AS3K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18WF104J03RB MURATA-NCP18WF104J03RB Datasheet
1Mb / 44P
NTC Thermistors
logo
AVX Corporation
NJ28RA0104F AVX-NJ28RA0104F Datasheet
823Kb / 38P
NTC Thermistors
logo
Murata Manufacturing Co...
NCP18XH103E0SRB MURATA-NCP18XH103E0SRB Datasheet
1Mb / 47P
NTC Thermistors
logo
Panasonic Semiconductor
ERT-J1VP473H PANASONIC-ERT-J1VP473H Datasheet
306Kb / 14P
NTC Thermistors
logo
TDK Electronics
NTCDS3HG602HB4NT TDK-NTCDS3HG602HB4NT Datasheet
103Kb / 6P
NTC Thermistors
logo
Murata Manufacturing Co...
NCU15WB473F6SRC MURATA-NCU15WB473F6SRC Datasheet
201Kb / 3P
NTC Thermistors
NCU15WF104D60RC MURATA-NCU15WF104D60RC Datasheet
198Kb / 3P
NTC Thermistors
NCU15WF104E6SRC MURATA-NCU15WF104E6SRC Datasheet
203Kb / 3P
NTC Thermistors
NCU15WF104J60RC MURATA-NCU15WF104J60RC Datasheet
198Kb / 3P
NTC Thermistors
NCU15XH103E6SRC MURATA-NCU15XH103E6SRC Datasheet
200Kb / 3P
NTC Thermistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com