Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3FS6 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D3FS6
Description  Schottky Barrier Diodes 60V, 3A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D3FS6 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D3FS6 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D3FS6 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D3FS6
Schottky Barrier Diodes
60V, 3A
Feature
・Small SMD
・High Recovery Speed
・Low V
・Available for automotive use
・Pb free terminal
・RoHS:Yes
OUTLINE
Package (House Name): 2F
Equivalent circuit
Absolute Maximum Ratings (unless otherwise specified : Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage temperrature
Tstg
-55 to 150
℃
Junction temperature
Tj
-55 to 150
℃
Repetitive peak reverse voltage
V
60
V
Repetitive peak surge reverse
voltage
V
Pulse width 0.5ms, duty=1/40
65
V
Average forward current
I (AV)
50Hz sine wave, Resistance load, Tl=87℃
3
A
Average forward current
I (AV)
50Hz sine wave, Resistance load, On alumina
substrate, Ta=25℃ ※
1.65
A
Average forward current
I (AV)
50Hz sine wave, Resistance load, On glass-epoxy
substrate, Ta=25℃ ※
1.05
A
Surge forward current
I
50Hz sine wave, Non-repetitive, 1cycle, Peak value,
Tj=25℃
80
A
Repetitive peak surge reverse
power
P
Pulse width 10µs, Tj=25℃
330
W
※︓See the original Specifications
F
RRM
RRSM
F
F
F
FSM
RRSM
Shindengen Electric Manufacturing Co., Ltd.
1/8
D3FS6_Rev.01(2020.01)


Similar Part No. - D3FS6

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3FS6 SHINDENGEN-D3FS6 Datasheet
584Kb / 11P
Schottky Rectifiers (SBD) (60V 3A)
D3FS6 SHINDENGEN-D3FS6_10 Datasheet
544Kb / 2P
Schottky Barrier Diode
More results

Similar Description - D3FS6

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AK06 SANKEN-AK06 Datasheet
44Kb / 2P
Schottky Barrier Diodes 60V
FMB-G16L SANKEN-FMB-G16L Datasheet
39Kb / 2P
Schottky Barrier Diodes 60V
logo
List of Unclassifed Man...
AK06 ETC-AK06 Datasheet
44Kb / 2P
Schottky Barrier Diodes 60V
logo
Torex Semiconductor
XBS306S17 TOREX-XBS306S17 Datasheet
77Kb / 3P
Schottky Barrier Diode, 3A, 60V Type
XBS306S17 TOREX-XBS306S17_12 Datasheet
105Kb / 3P
Schottky Barrier Diode, 3A, 60V Type
XBS306S17-12 TOREX-XBS306S17-12 Datasheet
105Kb / 3P
Schottky Barrier Diode, 3A, 60V Type
XBS306P11R-G TOREX-XBS306P11R-G Datasheet
223Kb / 5P
Schottky Barrier Diode, 3A, 60V Type
XBS306S19R-G TOREX-XBS306S19R-G Datasheet
153Kb / 4P
Schottky Barrier Diode, 3A, 60V Type
logo
Shindengen Electric Mfg...
D1FS6A SHINDENGEN-D1FS6A Datasheet
1Mb / 7P
Schottky Barrier Diodes 60V, 2.5A
D10FY6ST SHINDENGEN-D10FY6ST Datasheet
1Mb / 8P
Schottky Barrier Diodes 60V, 10A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com