Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HCT03EE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74HCT03EE4
Description  High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT03EE4 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HCT03EE4 Datasheet HTML 1Page - Texas Instruments CD74HCT03EE4 Datasheet HTML 2Page - Texas Instruments CD74HCT03EE4 Datasheet HTML 3Page - Texas Instruments CD74HCT03EE4 Datasheet HTML 4Page - Texas Instruments CD74HCT03EE4 Datasheet HTML 5Page - Texas Instruments CD74HCT03EE4 Datasheet HTML 6Page - Texas Instruments CD74HCT03EE4 Datasheet HTML 7Page - Texas Instruments CD74HCT03EE4 Datasheet HTML 8Page - Texas Instruments CD74HCT03EE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Power Dissipation Capacitance
(Notes 5, 6)
CPD
-
5
-
9
-
----
pF
NOTES:
5. CPD is used to determine the dynamic power consumption, per gate.
6. PD = CPD VCC
2 f
i + Σ (CL VCC
2 f
o) + Σ (VL
2/R
L) (Duty Factor “Low”)
where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC = supply voltage, Duty Factor “Low” = percent of
time output is “low”, VL = output voltage, RL = pull-up resistor.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 1. TRANSITION TIMES, PROPAGATION DELAY
TIMES, AND TEST CIRCUIT
FIGURE 2. MINIMUM RESISTIVE LOAD vs LOAD VOLTAGE
FIGURE 3. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 4. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
INPUT LEVEL
VS
tPZL
VOH
OUTPUT
1k
Ω
VCC
50pF
VOL
90%
10%
tTHL
OUTPUT
OPEN
DRAIN
NAND
GATE
VCC
nB(nA)
OUTPUT
nY
tPLZ
nA(nB)
VS
LOW
OFF
LOW
RL
VL
VO
VCC = 5V
±10%
HC/HCT03
VL
RL
RON
VO
0.8V (HCT VIL MAX)
≤ 1.35V (HC VIL MAX)
RON MAX =
65
Ω AT 25oC
4mA
=
0.26V
800
700
600
500
400
300
200
100
0123456789
10
VL, LOAD VOLTAGE (V)
HC
HCT
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54HC03, CD74HC03, CD54HCT03, CD74HCT03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com