Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP75N10NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP75N10NF
Description  100V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP75N10NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP75N10NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP75N10NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP75N10NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP75N10NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP75N10NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP75N10NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP75N10NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP75N10NF
100V N-Channel Enhancement Mode MOSFET
AP75N10NF REV1.0
永源微電子科技有限公司
Description
The AP75N10NF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 100V ID =75A
RDS(ON) < 15mΩ@ VGS=10V (Type:11mΩ)
Application
Automative lighting
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP75N10NF
PDFN5X6-8L
AP75N10NF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Drain Current, VGS @ 10V
75
A
ID@TC=100
℃
Drain Current, VGS @ 10V
38
A
IDM
Pulsed Drain Current1
236
A
EAS
Single Pulse Avalanche Energy
108
mJ
IAS
Avalanche Current
40
A
PD@TC=25
℃
Total Power Dissipation
146
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Maximum Thermal Resistance, Junctionambient
62.5
℃/W
RθJC
Maximum Thermal Resistance, Junction-case
1.4
℃/W


Similar Part No. - AP75N10NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP75N10D APME-AP75N10D Datasheet
697Kb / 7P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP75N10F APME-AP75N10F Datasheet
862Kb / 9P
100V N-Channel Enhancement Mode MOSFET
REV1.1
AP75N10P APME-AP75N10P Datasheet
862Kb / 9P
100V N-Channel Enhancement Mode MOSFET
REV1.1
AP75N10P APME-AP75N10P Datasheet
1Mb / 7P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP75N10PT APME-AP75N10PT Datasheet
1Mb / 7P
100V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP75N10NF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
SHIKUES Electronics
SK2328N3 SKTECHNOLGY-SK2328N3 Datasheet
1Mb / 6P
100V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com