Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J/SST110 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # J/SST110
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

J/SST110 Datasheet(HTML) 2 Page - Vishay Siliconix

  J/SST110 Datasheet HTML 1Page - Vishay Siliconix J/SST110 Datasheet HTML 2Page - Vishay Siliconix J/SST110 Datasheet HTML 3Page - Vishay Siliconix J/SST110 Datasheet HTML 4Page - Vishay Siliconix J/SST110 Datasheet HTML 5Page - Vishay Siliconix J/SST110 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
J/SST108 Series
Vishay Siliconix
www.vishay.com
7-2
Document Number: 70231
S-04028—Rev. E, 04-Jun-01
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage
–25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (1/16” from case for 10 sec.)
300
_C
. . . . . . . . . . . . . . . . . . .
Storage Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
350 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 2.8 mW/
_C above 25_C
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
J/SST108
J/SST109
J/SST110
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Gate-Source
Breakdown Voltage
V(BR)GSS
IG = –1 mA , VDS = 0 V
–32
–25
–25
–25
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 5 V, ID = 1 mA
–3
–10
–2
–6
–0.5
–4
V
Saturation Drain Currentb
IDSS
VDS = 15 V, VGS = 0 V
80
40
10
mA
VGS = –15 V, VDS = 0 V
–0.01
–3
–3
–3
Gate Reverse Current
IGSS
TA = 125_C
–5
Gate Operating Current
IG
VDG = 10 V, ID = 10 mA
–0.01
nA
VDS = 5 V, VGS = –10 V
0.02
3
3
3
Drain Cutoff Current
ID(off)
TA = 125_C
1.0
Drain-Source
On-Resistance
rDS(on)
VGS = 0 V, VDS v 0.1 V
8
12
18
W
Gate-Source
Forward Voltage
VGS(F)
IG = 1 mA , VDS = 0 V
0.7
V
Dynamic
Common-Source
Forward Transconductance
gfs
17
Common-Source
Output Conductance
gos
VDS = 5 V, ID = 10 mA, f = 1 kHz
0.6
mS
Drain-Source
On-Resistance
rds(on)
VGS = 0 V, ID = 0 mA , f = 1 kHz
8
12
18
W
Common-Source
VDS = 0 V
SST
60
Common-Source
Input Capacitance
Ciss
VGS = 0 V
f = 1 MHz
J Series
60
85
85
85
Common-Source Reverse
VDS = 0 V
SST
11
pF
Common-Source Reverse
Transfer Capacitance
Crss
VGS = –10 V
f = 1 MHz
J Series
11
15
15
15
Equivalent Input
Noise Voltage
en
VDG = 5 V, ID = 10 mA
f = 1 kHz
3.5
nV
⁄
√Hz
Switching
td(on)
3
Turn-On Time
tr
VDD = 1.5 V, VGS(H) = 0 V
1
td(off)
VDD = 1.5 V, VGS(H) = 0 V
See Switching Diagram
4
ns
Turn-Off Time
tf
18
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NIP
b.
Pulse test: PW
v300 ms duty cycle v3%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com