Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80H03NF2 Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP80H03NF2
Description  30V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80H03NF2 Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP80H03NF2 Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80H03NF2 Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80H03NF2 Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80H03NF2 Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80H03NF2 Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80H03NF2 Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80H03NF2 Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP80H03NF2
30V N+N-Channel Enhancement Mode MOSFET
AP80H03NF2 RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
30
-
-
V
lGSS
Gate-body Leakage Current
VDS = 0V, VGS = ±20V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain Current TJ=25°C
VDS = 30V, VGS = 0V
-
-
1
μA
Zero Gate Voltage Drain Current TJ=100°C
-
-
100
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = 250µA
1.2
1.6
2.5
V
RDS(on)
Drain-Source On-Resistance4
VGS = 10V, ID = 20A
-
4.8
6.0
mΩ
VGS = 4.5V, ID =10A
-
7.5
9.0
gfs
Forward Transconductance4
VDS = 10V, ID = 20A
-
70
-
S
Ciss
Input Capacitance
VDS = 15V, VGS =0V, f
=1MHz
-
1010
-
pF
Coss
Output Capacitance
-
420
-
Crss
Reverse Transfer Capacitance
-
46
-
Rg
Gate Resistance
f = 1MHz
-
2.2
-
Ω
Qg
Total Gate Charge
VGS = 10V, VDS = 15V, ID=
20A
-
16
-
nC
Qgs
Gate-Source Charge
-
3
-
Qgd
Gate-Drain Charge
-
3.3
-
td(on)
Turn-On Delay Time
VGS =10V, VDD = 15V, RG =
3Ω, ID= 20A
-
6.3
-
ns
tr
Rise Time
-
3.2
-
td(off)
Turn-Off Delay Time
-
18
-
tf
Fall Time
-
3.6
-
trr
Body Diode Reverse Recovery Time
IF=20A, dl/dt=100A/μs
-
10
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
13.2
-
nC
VSD
Diode Forward Voltage4
IS = 20A, VGS = 0V
-
-
1.2
V
IS
Continuous Source Current
TC=25°C
-
-
50
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD =25V,VGS =10V,L=0.1mH,IAS =24A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com