Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80N02DF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP80N02DF
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80N02DF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP80N02DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80N02DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80N02DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80N02DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80N02DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80N02DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80N02DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP80N02DF
20V N-Channel Enhancement Mode MOSFET
AP80N02DF REV1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
20
22
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=20V, VGS=0V
-
-
1
μA
IGSS
Gate to Body Leakage Current
VGS= ±12V, VDS=0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250μA
0.5
0.68
1.0
V
RDS(on)
Static Drain-Source On-Resistance note3
VGS=4.5V, ID=30A
-
3.0
3.5
mΩ
VGS=2.5V, ID=20A
4.0
5.5
Ciss
Input Capacitance
VDS=10V, VGS=0V,
f=1.0MHz
-
3200
-
pF
Coss
Output Capacitance
-
460
-
pF
Crss
Reverse Transfer Capacitance
-
445
-
pF
Qg
Total Gate Charge
VDS=10V, ID=30A,
VGS=4.5V
-
48
-
nC
Qgs
Gate-Source Charge
-
3.6
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
19
-
nC
td(on)
Turn-On Delay Time
VDS =10V, ID=30A,
RG=1.8Ω, VGS=4.5V
-
9.7
-
ns
tr
Turn-On Rise Time
-
37
-
ns
td(off)
Turn-Off Delay Time
-
63
-
ns
tf
Turn-Off Fall Time
-
52
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
90
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
360
A
VSD
Drain to Source Diode Forward Voltage
VGS=0V, ISD=30A,
TJ=25℃
-
-
1.2
V
trr
Reverse Recovery Time
TJ=25°C, IF=30A, di/dt
=100A/μs
-
23
-
ns
Qrr
Reverse Recovery Charge
-
10
-
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The EAS condition: TJ=25℃, VDD=15V, VG=4.5V, RG=25Ω, L=0.5mH, IAS=21A
4、The power dissipation is limited by 175℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com