Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80N02NF Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP80N02NF
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80N02NF Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP80N02NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80N02NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80N02NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80N02NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80N02NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80N02NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80N02NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP80N02NF
20V N-Channel Enhancement Mode MOSFET
AP80N02NF RVE1.0
永源微電子科技有限公司
Package Mechanical Data-DFN5*6-8L-JQ Single
Symbol
Common
mm
Inch
Mim
Max
Min
Max
A
1.03
1.17
0.0406
0.0461
b
0.34
0.48
0.0134
0.0189
c
0.824
0.0970
0.0324
0.082
D
4.80
5.40
0.1890
0.2126
D1
4.11
4.31
0.1618
0.1697
D2
4.80
5.00
0.1890
0.1969
E
5.95
6.15
0.2343
0.2421
E1
5.65
5.85
0.2224
0.2303
E2
1.60
/
0.0630
/
e
1.27 BSC
0.05 BSC
L
0.05
0.25
0.0020
0.0098
L1
0.38
0.50
0.0150
0.0197
L2
0.38
0.50
0.0150
0.0197
H
3.30
3.50
0.1299
0.1378
I
/
0.18
/
0.0070



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com