Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80N03BDF Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP80N03BDF
Description  30V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80N03BDF Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP80N03BDF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80N03BDF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80N03BDF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80N03BDF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80N03BDF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80N03BDF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80N03BDF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP80N03BDF
30V N-Channel Enhancement Mode MOSFET
AP80N03BDF REV1.0
永源微電子科技有限公司
Package Mechanical Data-PDFN3X3-8L
Symbol
Dim in mm
Min
Typ
Max
A
0.6
0.75
0.9
b
0.2
0.3
0.4
C
0.15
0.2
0.25
D
3
3.1
3.2
D1
2.3
2.45
2.6
E
3.15
3.3
3.45
E1
1.43
1.73
1.93
E2
2.9
3.05
3.2
e
0.65BSC
H
0.2
0.35
0.5
K
0.57
0.77
0.87
L
0.3
0.4
0.5
L1/L2
0.1REF
θ
8°
10°
13°
N
0
0.15



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com