Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80N04DF Datasheet(PDF) 3 Page - A POWER MICROELECTRONICS

Part # AP80N04DF
Description  40V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80N04DF Datasheet(HTML) 3 Page - A POWER MICROELECTRONICS

  AP80N04DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80N04DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80N04DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80N04DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80N04DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80N04DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80N04DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP80N04DF
40V N-Channel Enhancement Mode MOSFET
永源微电
AP80N04DF Rve1.1
子科技有限公司
0
2
4
6
8
10
12
0
0.1
0.2
0.3
0.4
0.5
VDS , Drain-to-Source Voltage (V)
VGS=10V
VGS=7V
VGS=5V
VGS=4.5V
VGS=3V
4
5
6
7
8
2
4
6
8
10
VGS (V)
ID=12A
0
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
1
VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0
2
4
6
8
10
0
15
30
45
60
QG , T o t a l G a t e C h a r g e ( n C )
ID= 1 2 A
0
0.5
1
1.5
-50
0
50
100
150
TJ ,Junction Temperature ( ℃)
0.5
1.0
1.5
2.0
-50
0
50
100
150
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs. G-S Voltage
Fig.3 Forward Characteristics Of Reverse
diode
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) vs. TJ
Fig.6 Normalized RDSON vs. TJ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com