Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80N07P Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP80N07P
Description  68V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80N07P Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP80N07P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80N07P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80N07P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80N07P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80N07P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80N07P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80N07P Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP80N07FIPIT
68V N-Channel Enhancement Mode MOSFET
AP80N07F/P/T REV1.0
永源微電子科技有限公司
Description
The AP80N07F/P/T uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with Hight EAS. This device is suitable
for use as a Battery protectionor in other Switching
application.
General Features
VDS = 68V ID =80A
RDS(ON) < 9.0mΩ @ VGS=10V (Type:7.2mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP80N07F
TO-220F-3L
AP80N07F XXX YYYY
1000
AP80N07P
TO-220-3L
AP80N07P XXX YYYY
1000
AP80N07T
TO-263-3L
AP80N07T XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
68
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V1
80
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V1
52
A
IDM
Pulsed Drain Current2
320
A
EAS
Single Pulse Avalanche Energy3
110
mJ
IAS
Avalanche Current
22
A
PD@TC=25
℃
Total Power Dissipation4
103
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-ambient 1
63
℃/W
RθJC
Thermal Resistance Junction-Case1
1.46
℃/W


Similar Part No. - AP80N07P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP80N07BD APME-AP80N07BD Datasheet
709Kb / 7P
68V N-Channel Enhancement Mode MOSFET
REV1.0
AP80N07D APME-AP80N07D Datasheet
1Mb / 7P
68V N-Channel Enhancement Mode MOSFET
AP80N07NF APME-AP80N07NF Datasheet
1Mb / 7P
68V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP80N07P

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF6908 GOOD-ARK-SSF6908_15 Datasheet
1Mb / 7P
68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814_15 Datasheet
1Mb / 5P
68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A_15 Datasheet
1,000Kb / 5P
68V N-Channel MOSFET
SSF6808 GOOD-ARK-SSF6808_15 Datasheet
961Kb / 5P
68V N-Channel MOSFET
SSF6808 GOOD-ARK-SSF6808 Datasheet
961Kb / 5P
68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A Datasheet
1,000Kb / 5P
68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814 Datasheet
1Mb / 5P
68V N-Channel MOSFET
SSF6908 GOOD-ARK-SSF6908 Datasheet
1Mb / 7P
68V N-Channel MOSFET
SSF7008 GOOD-ARK-SSF7008 Datasheet
1Mb / 7P
68V N-Channel MOSFET
logo
Guangdong Youtai Semico...
SVT078R0ND UMW-SVT078R0ND Datasheet
1,016Kb / 7P
68V N-Channel Power Mosfet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com