Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80N07T Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP80N07T
Description  68V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80N07T Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP80N07T Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80N07T Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80N07T Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80N07T Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80N07T Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80N07T Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80N07T Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP80N07FIPIT
68V N-Channel Enhancement Mode MOSFET
AP80N07F/P/T REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
68
72
---
V
△
BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.023
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance2
VGS=10V , ID=10A
---
7.5
9.0
mΩ
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
2.0
3.0
4.0
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
-4.2
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=68V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=68V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
Qg
Total Gate Charge (4.5V)
VDS =30V, ID =30A,
VGS =10V
---
35
---
nC
Qgs
Gate-Source Charge
---
11
---
Qgd
Gate-Drain Charge
---
9
---
Td(on)
Turn-On Delay Time
VDS =30V,ID =30A,
RGEN =3Ω, V GS =10V
---
15
---
ns
Tr
Rise Time
---
90
---
Td(off)
Turn-Off Delay Time
---
45
---
Tf
Fall Time
---
30
---
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
4000
---
pF
Coss
Output Capacitance
---
267
---
Crss
Reverse Transfer Capacitance
---
250
---
IS
Continuous Source Current1,5
VG=VD=0V , Force Current
---
---
80
A
ISM
Pulsed Source Current2,5
---
---
320
A
VSD
Diode Forward Voltage2
V GS =0V, I S =80A
---
---
1.2
V
trr
Reverse Recovery Time
T J =25℃
I F =20A,dI/dt=100A/μs
---
78
---
nS
Qrr
Reverse Recovery Charge
---
51
---
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The test cond≦ 300us
duty cycle ≦ 2%, duty cycle ition is TJ =25℃, VDD =35V, VG =10V, R G =25Ω, L=0.5mH, IAS =21A
4、The power dissipation is limited by 175℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com