Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80P02NF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP80P02NF
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80P02NF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP80P02NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80P02NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80P02NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80P02NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80P02NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80P02NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80P02NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP80P02NF
-20V P-Channel Enhancement Mode MOSFET
AP80P02NF REV1.1
永源微電子科技有限公司
Electrical Characteristics (TJ=25
℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250µA
-20
-
-
V
lGSS
Gate-body Leakage current
VDS = 0V, VGS = ±12V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain Current TJ=25
℃
VDS = -20V, VGS = 0V
-
-
-1
μA
IDSS
Zero Gate Voltage Drain Current TJ=100
℃
-
-
-100
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = -250µA
-0.4
-0.7
-1.0
V
RDS(on)
Drain-Source On-Resistance4
VGS = -4.5V, ID = -10A
-
3.8
5.2
mΩ
RDS(on)
Drain-Source On-Resistance4
VGS = -2.5V, ID = -10A
-
5.0
6.8
gfs
Forward Transconductance4
VDS = -4.5V, ID = -10A
-
56
-
S
Ciss
Input Capacitance
VDS = -10V, VGS =0V,
f =1MHz
-
4770
-
pF
Coss
Output Capacitance
-
665
-
Crss
Reverse Transfer Capacitance
-
570
-
Rg
Gate Resistance
f =1MHz
-
9.6
-
Ω
Qg
Total Gate Charge
VGS = -4.5V,VDS = -10V,
ID= -10A
-
55
-
nC
Qgs
Gate-Source Charge
-
5.2
-
Qgd
Gate-Drain Charge
-
10
-
td(on)
Turn-On Delay Time
VGS = -4.5V, VDD = -10V,
RG = 3Ω, ID= -10A
-
22
-
ns
tr
Rise Time
-
38
-
td(off)
Turn-Off Delay Time
-
110
-
tf
Fall Time
-
62
-
VSD
Diode Forward Voltage4
IS = -10A, VGS = 0V
-
-
-1.2
V
IS
Continuous Source Current
TC=25°C
-
-
-70
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The EAS data shows Max. rating. The test condition is VDD=-25V, VGS=-10V, L=0.4mH, I AS = -20A.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com