Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80P04P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP80P04P
Description  -40V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80P04P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP80P04P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80P04P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80P04P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80P04P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80P04P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80P04P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80P04P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP80P04P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP80P04PIT
-40V P-Channel Enhancement Mode MOSFET
AP80P04P/T REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250µA
-40
-
-
V
lGSS
Gate-body Leakage current
VDS=0V, VGS=±20V
-
-
±100
nA
IDSS TJ=25°C
Zero Gate Voltage Drain Current
VDS=-40V, VGS=0V
-
-
-1
μA
IDSS TJ=100°C
-100
VGS(th)
Gate-Threshold Voltage
VDS=VGS, ID=-250µA
-1.0
-1.6
-2.5
V
RDS(on)
Drain-Source on-Resistance4
VGS=-10V, ID=-20A
-
6.5
8.5
mΩ
VGS=-4.5V, ID=-15A
-
8.2
11
gfs
Forward Transconductance4
VDS=-10V, ID=-20A
-
104
-
S
Ciss
Input Capacitance
VDS=-20V, VGS=0V,
f=1MHz
-
5282
-
pF
Coss
Output Capacitance
-
431
-
Crss
Reverse Transfer Capacitance
-
383
-
Rg
Gate Resistance
f=1MHz
-
4.4
-
Ω
Qg
Total Gate Charge
VGS=-10V, VDS=-20V,
ID=-20A
-
110
-
nC
Qgs
Gate-Source Charge
-
12.5
-
Qgd
Gate-Drain Charge
-
23
-
td(on)
Turn-on Delay Time
VGS=-10V, VDD -20V,
RG=3Ω, ID=-20A
-
16.8
-
ns
tr
Rise Time
-
10
-
td(off)
Turn-off Delay Time
-
65
-
tf
Fall Time
-
17
-
trr
Body Diode Reverse Recovery Time
IF=-20A, dI/dt=100A/µs
-
42
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
29
-
nC
VSD
Diode Forward Voltage4
IS=-20A, VGS=0V
-
-
-
-1.2
V
IS
Continuous Source Current
-
-
-80
A
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=-32V,VGS=-10V,L=0.1mH,IAS=-45A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com