Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0129 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0129
Description  SOT-886 to DIP-6 SMT Adapter (0.5 mm pitch, 1.35 x 1.0 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0129 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0129 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0129 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
SOT-886 to DIP-6 SMT Adapter (0.5 mm pitch, 1.35 x 1.0 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.25
B
0.425
C
0.30
D
0.20
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2014 Proto Advantage
A
B
C
D
E
IIIP
P
PC
C
C0
0
01
1
12
2
29
9
9


Similar Part No. - IPC0129

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0120 PROTOADVANTAGE-IPC0120 Datasheet
44Kb / 2P
QFN-52 to DIP-56 SMT Adapter (0.5 mm pitch, 8 x 8 mm body)
revision 1.0
IPC0121 PROTOADVANTAGE-IPC0121 Datasheet
44Kb / 2P
QFN-8 to DIP-8 SMT Adapter (0.5 mm pitch, 1.5 x 1.5 mm body)
revision 1.0
IPC0122 PROTOADVANTAGE-IPC0122 Datasheet
44Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.4 mm pitch, 4.0 x 4.0 mm body)
revision 1.0
IPC0123 PROTOADVANTAGE-IPC0123 Datasheet
44Kb / 2P
DFN-6 to DIP-10 SMT Adapter (0.65 mm pitch, 2.0 x 2.0 mm body, split pad)
revision 1.0
IPC0124 PROTOADVANTAGE-IPC0124 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.45 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
More results

Similar Description - IPC0129

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APHHS1005CGCK TO-GRACE-APHHS1005CGCK Datasheet
803Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
APHHS1005F3C-70MAV TO-GRACE-APHHS1005F3C-70MAV Datasheet
778Kb / 4P
1.0 x 0.5 mm Infrared Emitting Diode
APHHS1005LZGCK-V TO-GRACE-APHHS1005LZGCK-V Datasheet
768Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
APHHS1005MGCK TO-GRACE-APHHS1005MGCK Datasheet
771Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
APHHS1005SYCK TO-GRACE-APHHS1005SYCK Datasheet
801Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
APHHS1005ZGCK TO-GRACE-APHHS1005ZGCK Datasheet
767Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
KPHHS-1005CGCK TO-GRACE-KPHHS-1005CGCK Datasheet
864Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
KPHHS-1005QBC-D-V TO-GRACE-KPHHS-1005QBC-D-V Datasheet
779Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
KPHHS-1005SYCK TO-GRACE-KPHHS-1005SYCK Datasheet
867Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
KPHHS-1005SURCK TO-GRACE-KPHHS-1005SURCK Datasheet
863Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com