Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F016B Datasheet(PDF) 14 Page - STMicroelectronics

Part # M29F016B
Description  16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F016B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M29F016B Datasheet HTML 10Page - STMicroelectronics M29F016B Datasheet HTML 11Page - STMicroelectronics M29F016B Datasheet HTML 12Page - STMicroelectronics M29F016B Datasheet HTML 13Page - STMicroelectronics M29F016B Datasheet HTML 14Page - STMicroelectronics M29F016B Datasheet HTML 15Page - STMicroelectronics M29F016B Datasheet HTML 16Page - STMicroelectronics M29F016B Datasheet HTML 17Page - STMicroelectronics M29F016B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
M29F016B
14/22
Figure 8. Read Mode AC Waveforms
AI02966
tAVAV
tAVQV
tAXQX
tELQX
tEHQZ
tGLQV
tGLQX
tGHQX
VALID
A0-A20
G
DQ0-DQ7
E
tELQV
tEHQX
tGHQZ
VALID
Table 11. Read AC Characteristics
(TA = 0 to 70
°C, –40 to 85°C or –40 to 125°C)
Note: 1. Sampled only, not 100% tested.
Symbol
Alt
Parameter
Test Condition
M29F016B
Unit
55
70
90
tAVAV
tRC
Address Valid to Next Address Valid
E= VIL,
G= VIL
Min
55
70
90
ns
tAVQV
tACC
Address Valid to Output Valid
E= VIL,
G= VIL
Max
55
70
90
ns
tELQX
(1)
tLZ
Chip Enable Low to Output
Transition
G= VIL
Min
0
0
0
ns
tELQV
tCE
Chip Enable Low to Output Valid
G= VIL
Max
55
70
90
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output
Transition
E= VIL
Min
0
0
0
ns
tGLQV
tOE
Output Enable Low to Output Valid
E= VIL
Max
30
30
35
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output Hi-Z
G= VIL
Max
18
20
20
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
E= VIL
Max
18
20
20
ns
tEHQX
tGHQX
tAXQX
tOH
Chip Enable, Output Enable or
Address Transition to Output
Transition
Min
0
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com