Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40CPT080-F Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 40CPT080-F
Description  High Performance Schottky Generation 5.0, 2 x 20 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40CPT080-F Datasheet(HTML) 3 Page - Vishay Siliconix

  40CPT080-F Datasheet HTML 1Page - Vishay Siliconix 40CPT080-F Datasheet HTML 2Page - Vishay Siliconix 40CPT080-F Datasheet HTML 3Page - Vishay Siliconix 40CPT080-F Datasheet HTML 4Page - Vishay Siliconix 40CPT080-F Datasheet HTML 5Page - Vishay Siliconix 40CPT080-F Datasheet HTML 6Page - Vishay Siliconix 40CPT080-F Datasheet HTML 7Page - Vishay Siliconix 40CPT080-F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94660
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 29-Jul-09
3
40CPT080-F
High Performance Schottky
Generation 5.0, 2 x 20 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
100
10
1
0.2
0.4
0.6
0.8
1.0
1.2
VFM - Forward Voltage Drop (V)
T
J = 175 °C
T
J = 25 °C
T
J = 125 °C
0
204060
80
100
VR - Reverse Voltage (V)
0.0001
0.001
0.01
0.1
1
10
100
175 °C
150 °C
125 °C
100 °C
75 °C
50 °C
25 °C
020
40
60
80
100
VR - Reverse Voltage (V)
10 000
1000
100
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Single pulse
(Thermal resistance)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com