Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV201 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAV201
Description  Small Signal Switching Diodes, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV201 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAV201 Datasheet HTML 1Page - Vishay Siliconix BAV201 Datasheet HTML 2Page - Vishay Siliconix BAV201 Datasheet HTML 3Page - Vishay Siliconix BAV201 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV200, BAV201, BAV202, BAV203
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 12-Jun-2024
2
Document Number: 85544
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Reverse Current vs. Junction Temperature
Fig. 2 - Forward Current vs. Forward Voltage, IF vs. VF
Fig. 3 - Differential Forward Resistance vs. Forward Current
Fig. 4 - Typical Capacitance vs. Reverse Voltage, CD vs. VR
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA
VF
1V
Reverse current
VR = 50 V
BAV200
IR
100
nA
VR = 100 V
BAV201
IR
100
nA
VR = 150 V
BAV202
IR
100
nA
VR = 200 V
BAV203
IR
100
nA
Tj = 100 °C, VR = 50 V
BAV200
IR
15
μA
Tj = 100 °C, VR = 100 V
BAV201
IR
15
μA
Tj = 100 °C, VR = 150 V
BAV202
IR
15
μA
Tj = 100 °C, VR = 200 V
BAV203
IR
15
μA
Breakdown voltage
IR = 100 μA, tp/T = 0.01,
tp = 0.3 ms
BAV200
V(BR)
60
V
BAV201
V(BR)
120
V
BAV202
V(BR)
200
V
BAV203
V(BR)
250
V
Diode capacitance
VR = 0, f = 1 MHz
CD
1.5
pF
Differential forward resistance
IF = 10 mA
rf
5
Ω
Reverse recovery time
IF = IR = 30 mA, iR = 3 mA,
RL = 100
Ω
trr
50
ns
0
40
80
120
160
0.01
0.1
1
10
1000
Tj - Junction Temperature (°C)
200
94 9084
100
Scattering Limit
V
R = VRRM
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
Axis Title
VF (V)
Tj = 150 °C
Tj = 75 °C
Tj = 25 °C
0.1
1
10
1
10
100
1000
IF - Forward Current (mA)
100
94 9089
T
j = 25 °C
10
100
1000
10000
0
0.5
1
1.5
0.01
0.1
1
10
100
Axis Title
VR (V)
f = 1 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com