Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HFE
Description  Ceramic Singlelayer DC Disc Capacitors, 6 kVDC General Purpose
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFE Datasheet(HTML) 2 Page - Vishay Siliconix

  HFE Datasheet HTML 1Page - Vishay Siliconix HFE Datasheet HTML 2Page - Vishay Siliconix HFE Datasheet HTML 3Page - Vishay Siliconix HFE Datasheet HTML 4Page - Vishay Siliconix HFE Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HFU, HFZ, HFE Series
www.vishay.com
Vishay Roederstein
Revision: 28-Jan-2022
2
Document Number: 22156
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
ORDERING INFORMATION
CAPACITANCE
(pF)
TOLERANCE
(%)
BODY
DIAMETER
Dmax. (mm)
BODY
THICKNESS
Smax. (mm)
LEAD
SPACING (1)
F (mm)
± 1 mm
LEAD
DIAMETER (1)
d (mm)
± 0.05 mm
WIDTH (1)
V (mm)
± 0.5 mm
ORDERING CODE
MISSING DIGITS
SEE ORDERING
CODE BELOW
N750
10
± 10
7.0
4.8
12.5
0.6
2.2
HFU100KBF###KR
15
HFU150KBF###KR
22
HFU220KBF###KR
33
9.5
HFU330KBF###KR
47
HFU470KBF###KR
68
12.0
5.2
0.8
2.4
HFU680KBF###KR
82
HFU820KBF###KR
100
HFU101KBF###KR
150
15.0
HFU151KBF###KR
220
17.0
HFU221KBF###KR
330
20.0
HFU331KBF###KR
Y5T
56
± 20 (2)
7.0
5.0
12.5
0.6
3.5
HFZ560#BF###KR
68
HFZ680#BF###KR
82
HFZ820#BF###KR
100
8.0
HFZ101#BF###KR
120
HFZ121#BF###KR
150
HFZ151#BF###KR
180
10.0
HFZ181#BF###KR
220
HFZ221#BF###KR
270
HFZ271#BF###KR
330
HFZ331#BF###KR
390
12.0
HFZ391#BF###KR
470
HFZ471#BF###KR
560
13.0
HFZ561#BF###KR
680
15.0
HFZ681#BF###KR
820
HFZ821#BF###KR
1000
17.0
0.8
HFZ102#BF###KR
1200
19.0
HFZ122#BF###KR
1500
21.0
HFZ152#BF###KR
1800
HFZ182#BF###KR
2200
25.0
HFZ222#BF###KR
2700
HFZ272#BF###KR
S
max.
S
max. + 2 mm
Ø d ± 0.05
V
F
D
max.
30 - 3
or 10 ± 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com