Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TH3
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3 Datasheet(HTML) 3 Page - Vishay Siliconix

  TH3 Datasheet HTML 1Page - Vishay Siliconix TH3 Datasheet HTML 2Page - Vishay Siliconix TH3 Datasheet HTML 3Page - Vishay Siliconix TH3 Datasheet HTML 4Page - Vishay Siliconix TH3 Datasheet HTML 5Page - Vishay Siliconix TH3 Datasheet HTML 6Page - Vishay Siliconix TH3 Datasheet HTML 7Page - Vishay Siliconix TH3 Datasheet HTML 8Page - Vishay Siliconix TH3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TH3
www.vishay.com
Vishay Sprague
Revision: 17-Oct-2022
3
Document Number: 40084
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay identification marking is included if space permits. Vishay marking (“circled 2”) may show additives in the form of short lines,
depicting actual manufacturing facility. For A case capacitors discontinuation in polarity bar maybe used as actual manufacturing facility
designation. Capacitors rated at 6.3 V are marked 6 V. Uppercase letter “H” indicates lead (Pb)-free capacitors; lowercase letter “h”
indicates SnPb containing capacitors.
A manufacturing date code is marked on all capacitors. for details see FAQ: www.vishay.com/doc?40110.
Call the factory for further explanation.
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
6.3 VDC AT +85 °C; 4 VDC AT +125 °C; 3.15 VDC AT +150 °C
10
A
TH3A106(1)6R3(3)3400
0.6
6
3.40
0.15
10
A
TH3A106(1)6R3(3)2700
0.6
6
2.70
0.17
15
B
TH3B156(1)6R3(2)1800
0.9
6
1.80
0.22
22
B
TH3B226(1)6R3(2)2000
1.3
6
2.00
0.21
22
B
TH3B226(1)6R3(2)1500
1.3
6
1.50
0.24
33
B
TH3B336(1)6R3(2)1900
2.0
6
1.90
0.21
33
B
TH3B336(1)6R3(2)1700
2.0
6
1.70
0.22
47
B
TH3B476(1)6R3(2)1800
2.8
8
1.80
0.22
47
C
TH3C476(1)6R3(3)0800
2.8
6
0.80
0.37
68
B
TH3B686(1)6R3(2)1800
4.1
6
1.80
0.22
100
E
TH3E107(1)6R3(3)0300
6.0
6
0.30
0.74
10 VDC AT +85 °C; 7 VDC AT +125 °C; 5 VDC AT +150 °C
2.2
A
TH3A225(1)010(3)4600
0.5
6
4.60
0.13
4.7
A
TH3A475(1)010(3)2900
0.5
6
2.90
0.16
4.7
B
TH3B475(1)010(2)2700
0.5
6
2.70
0.18
6.8
A
TH3A685(1)010(3)2600
6.8
6
2.60
0.17
10
A
TH3A106(1)010(3)3400
1.0
6
3.40
0.15
10
A
TH3A106(1)010(3)2000
1.0
6
2.00
0.19
10
B
TH3B106(1)010(2)1800
1.0
6
1.80
0.22
10
C
TH3C106(1)010(3)1800
1.0
6
1.80
0.25
10
C
TH3C106(1)010(3)1700
1.0
6
1.70
0.25
15
A
TH3A156(1)010(3)2900
1.0
6
2.90
0.16
15
A
TH3A156(1)010(3)2000
1.0
6
2.00
0.19
15
B
TH3B156(1)010(2)2000
1.0
6
2.00
0.21
15
B
TH3B156(1)010(2)1800
1.0
6
1.80
0.22
15
B
TH3B156(1)010(2)1500
1.0
6
1.50
0.24
15
C
TH3C156(1)010(3)1800
1.0
6
1.80
0.25
15
C
TH3C156(1)010(3)1400
1.0
6
1.40
0.28
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D, E, F, V, U, T, W
(3) Termination and packaging: A, B, C, D, E, F, V, U, T, W
Capacitance code, pF
Indicates
high temperature
Polarity band (+)
Voltage
code
V 104H
A Case
Date code
designation
Date code
Vishay marking
Indicates high temperature
Voltage
Capacitance, μF
Polarity
band (+)
22
H10
XX
2
B, C, D, E Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com