Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN10LE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VN10LE
Description  N-Channel Enhancement-Mode MOS Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VN10LE Datasheet(HTML) 4 Page - Vishay Siliconix

  VN10LE Datasheet HTML 1Page - Vishay Siliconix VN10LE Datasheet HTML 2Page - Vishay Siliconix VN10LE Datasheet HTML 3Page - Vishay Siliconix VN10LE Datasheet HTML 4Page - Vishay Siliconix VN10LE Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VN10/0605/0610/2222 Series
Siliconix
P-37993—
Rev. C (08/08/94)
4
Typical Characteristics (25_C Unless Otherwise Noted)
0
4
8
12
16
20
0
400
800
1200
1600
2000
2400
0
0.5
1.0
1.5
2.0
-55 -30 -5
20
45
70
95
120 145
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
Gate Charge
OnResistance vs. Drain Current
Qg - Total Gate Charge (pC)
VDS - DraintoSource Voltage (V)
Crss
Coss
Ciss
VDS = 30 V
ID = 0.5 A
ID - Drain Current (A)
Capacitance
OnResistance vs. Junction Temperature
VGS = 10 V, rDS @ 0.5 A
TJ - Junction Temperature (_C)
rDS @ 10 V = VGS
rDS @ 5 V = VGS
TJ = 25_C
VGS = 5 V, rDS @ 0.05 A
VGS = 0 V
f = 1 MHz
0.001
0.010
0.100
1.000
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
SourceDrain Diode Forward Voltage
OnResistance vs. GatetoSource Voltage
VSD - SourcetoDrain Voltage (V)
VGS - GatetoSource Voltage (V)
0
1
2
3
4
5
6
0
2
4
6
8
101214 1618 20
rDS = 500 mA
rDS = 50 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com