Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN0605LL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VN0605LL
Description  N-Channel Enhancement-Mode MOS Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VN0605LL Datasheet(HTML) 2 Page - Vishay Siliconix

  VN0605LL Datasheet HTML 1Page - Vishay Siliconix VN0605LL Datasheet HTML 2Page - Vishay Siliconix VN0605LL Datasheet HTML 3Page - Vishay Siliconix VN0605LL Datasheet HTML 4Page - Vishay Siliconix VN0605LL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VN10/0605/0610/2222 Series
Siliconix
P-37993—
Rev. C (08/08/94)
2
Absolute Maximum Ratings (TA = 25_C Unless Otherwise Noted)
Parameter
Symbol
VN10LEb VN10LM VN0605T
VN0610LL
VN2222LL
VN2222LM
Unit
DrainSource Voltage
VDS
60
60
60
60
60
60
V
GateSource Voltage
VGS
"20
"30
"30
"30
"30
"30
V
Continuous Drain
Current
TA= 25_C
ID
0.38
0.32
0.18
0.28
0.23
0.26
A
Current
(TJ = 150_C)
TA= 100_C
ID
0.24
0.2
0.11
0.17
0.14
0.16
A
Pulsed Drain Currenta
IDM
1.0
1.4
0.72
1.3
1.0
1.0
Power Dissipation
TA= 25_C
PD
1.5
1.0
0.36
0.8
0.8
1.0
W
Power Dissipation
TA= 100_C
PD
0.6
0.4
0.14
0.32
0.32
0.4
W
Maximum Junctionto Ambient
RthJA
400
125
350
156
156
125
_C/
W
Operating Junction and
Storage Temperature Range
TJ, Tstg
-55 to 150
_C
Notes
a. Pulse width limited by maximum junction temperature.
b. Reference case for all temperature testing.
Specificationsa
Limits
VN10LE
VN10LM
VN0610LL
VN0605T
VN2222LL
VN2222LM
Parameter
Symbol
Test Conditions
Typb Min Max Min Max Min Max Unit
Static
DrainSource
Bkd
V l
V(BR)DSS
VGS = 0 V, ID = 100 mA
70
60
60
V
Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 10 mA
70
60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 1 mA
2.1
0.8
2.5
0.8
3.0
0.6
2.5
GB d L k
I
VDS = 0 V, VGS = "20 V
"100
e
"10
0
"10
0
A
GateBody Leakage
IGSS
TJ=125_C
"50
0
nA
VDS = 0 V, VGS = "30 V
"100
ZG
V l
I
VDS = 50 V, VGS = 0 V
10
1.0
A
Zero Gate Voltage
Di C
IDSS
TJ= 125_C
500
500
mA
g
Drain Current
IDSS
VDS = 48 V, VGS = 0 V
10
mA
TJ= 125_C
500
OnState Drain Currentc
ID(on)
VDS = 10 V, VGS = 10 V
1000
750
500
750
mA
DiS
VGS = 4.5 V, ID = 50 mA
4.5
7.5
W
DrainSource
OR i
c
rDS(on)
VGS = 5 V, ID = 0.2 A
4.5
7.5
7.5
W
OnResistancec
rDS(on)
VGS = 10 V, ID = 0.5 A
2.4
5
5
7.5
W
TJ= 125_C
4.4
9
10
13.5
Forward
Td
c
gfs
VDS = 10 V, ID = 0.5 A
230
100
100
mS
Transconductancec
gfs
VDS = 10 V, ID = 0.2 A
180
80
mS
Common Source
Output Conductancec
gos
VDS = 5 V, ID = 50 mA
500
ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com