Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8000CI Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ8000CI
Description  Plastic Encapsulated Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8000CI Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ8000CI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8000CI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8000CI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8000CI Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
V. Reliability Evaluation
A. Failure Rate Prediction
FIT rate (per billion): see note 1
MTBF = see note 1
1 The presentation of FIT rate for the individual product reliability is restricted by the limited burn-in sample
size of AOZ8000CI. The calculation will be presented (using the method discussed below) on the
final qualification report when more data are available.
AOS uses industry standard techniques (JEDEC Standard JESD 85) for failure rate prediction by
applying the Arrhenius equation with an activation energy of 0.7eV and 60% of upper confidence level
on the failure rate calculation. FIT means one failure per billion hours.
The failure rate and MTBF are calculated as follows:
AF
= exp{(Ea/k) x [1/T0-1/Ts]}
Looking up the χ
2 /2 table (see above) for zero failure (see HTOL result above) with 60% confidence, the
value of (χ
2[CL,(2f+2)] /2) is 0.92.
Failure Rate
= Chi2 [CL, (2f+2)] x 10
9
/ [
2 (ss) (t) (AF)]
MTBF = 10
9 / FIT
Chi² (
χ
2
)
= Chi Squared Distribution, determined by the number of failures and confidence interval
ss
= Total Number of units from HTOL testing
t
= Duration of HTOL testing
AF
= Acceleration Factor from Test to Use Conditions (Ea = 0.7eV and Tuse = 55°C)
Acceleration Factor [AF] = exp [Ea / k (1/Tj u – 1/Tj s)]
Tj s
= Stressed junction temperature in degree (Kelvin), K = C+273
Tj u
= Used junction temperature in degree (Kelvin), K = C+273
k
= Boltznan’s constant, 8.617x10
-5 V / K
B. Package Qualification Testing
Package qual. testing are performed (see section IV) to ensure the product meet AOS quality and reliability
standards.
VI. Quality Assurance Information
Acceptable Quality Level for outgoing inspection: 0.1% for electrical and visual. Guaranteed
Outgoing Defect Rate: < 50 ppm
Quality Sample Plan: conform to Mil-Std-105D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com