Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL12N65F Datasheet(PDF) 4 Page - Slkormicro

Part # SL12N65F
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLKOR [Slkormicro]
Direct Link  http://www.slkormicro.com
Logo SLKOR - Slkormicro

SL12N65F Datasheet(HTML) 4 Page - Slkormicro

  SL12N65F Datasheet HTML 1Page - Slkormicro SL12N65F Datasheet HTML 2Page - Slkormicro SL12N65F Datasheet HTML 3Page - Slkormicro SL12N65F Datasheet HTML 4Page - Slkormicro SL12N65F Datasheet HTML 5Page - Slkormicro SL12N65F Datasheet HTML 6Page - Slkormicro SL12N65F Datasheet HTML 7Page - Slkormicro SL12N65F Datasheet HTML 8Page - Slkormicro  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
热特性
THERMAL CHARACTERISTICS
项目
Parameter
符号
Symbol
最大值
Max
单位
Unit
结到管壳的热阻
Thermal Resistance,Junction to Case
Rth(j-c)
2.76
℃
/W
结到环境的热阻
Thermal Resistance,Junction to Ambient
Rth(j-a)
47.5
℃
/W
注:
1:脉冲宽度由最高结温限制
2:L=8.4mH, I
AS=12A,
V
DD=50V,
R
G=25Ω,起始结
温 T
J=25℃
3:I
SD≤12A,di/dt
≤100A/μs,V
DD≤BVDSS,起始结温
T
J=25℃
4:脉冲测试:脉冲宽度≤300μs,占空比≤2%
5:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction temperature
2:L=8.4mH, IAS=12A, VDD=50V, RG=25 Ω,Starting
TJ=25℃
3:ISD ≤12A,di/dt ≤100A/μs,VDD≤BVDSS, Starting
TJ=25℃
4:Pulse Test:Pulse Width ≤300μs,Duty Cycle≤2%
5:Essentially independent of operating temperature
www.slkormicro.com
SL12N65F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com