Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV110M5 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV110M5
Description  Fixed-Gain Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV110M5 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV110M5 Datasheet HTML 1Page - National Semiconductor (TI) LMV110M5 Datasheet HTML 2Page - National Semiconductor (TI) LMV110M5 Datasheet HTML 3Page - National Semiconductor (TI) LMV110M5 Datasheet HTML 4Page - National Semiconductor (TI) LMV110M5 Datasheet HTML 5Page - National Semiconductor (TI) LMV110M5 Datasheet HTML 6Page - National Semiconductor (TI) LMV110M5 Datasheet HTML 7Page - National Semiconductor (TI) LMV110M5 Datasheet HTML 8Page - National Semiconductor (TI) LMV110M5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Machine Model
200V
Human Body Model
1500V
Supply Voltage (V
+ -V−)
5.5V
Output Short Circuit to V
+
(Note 3)
Output Short Circuit to V
−
(Note 4)
Mounting Temperature
Infrared or Convection (20 sec)
235˚C
Storage Temperature Range
-65˚C to 150˚C
Junction Temperature (T
J , max)
(Note 5)
150˚C
Operating Ratings (Note 1)
Supply Voltage
2.7V to 5.0V
Temperature Range
−40˚C
≤ T
J ≤ 85˚C
Thermal resistance (
θ
JA)
5-pin SC70-5
478˚C/W
5-pin SOT23-5
265˚C/W
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
O =V
+/2 and R
L > 1MΩ. Boldface lim-
its apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 6)
Max
(Note 7)
Units
V
O
Output Swing
R
L = 10kΩ to 1.35V
V
+−0.01
V
+−0.1
V
min
0.08
0.18
V
max
I
S
Supply Current
80
170
µA
max
DC Gain Accuracy
LMV101, Gain = −1
2
5
%
LMV102, Gain = −2
2
5
%
LMV105, Gain = −5
2
6
%
LMV110, Gain = −10
6
12
%
GBW
−3dB Bandwidth
LMV101, Gain = −1,
R
L =2kΩ,CL = 100pF
1.6
MHz
LMV102, Gain = −2,
R
L =2kΩ,CL = 100pF
1.8
MHz
LMV105, Gain = −5,
R
L =2kΩ,CL = 100pF
0.8
MHz
LMV110, Gain = −10,
R
L =2kΩ,CL = 100pF
0.2
MHz
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
O =V
+/2 and R
L > 1MΩ. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 6)
Max
(Note 7)
Units
V
O
Output Swing
R
L =2kΩ to 2.5V
V
+−0.04
V
+−0.3
V
+−0.4
V
min
0.14
0.3
0.4
V
max
R
L = 10kΩ to 2.5V
V
+−0.01
V
+−0.1
V
+−0.2
V
min
0.1
0.18
0.28
V
max
I
O
Output Current
Sourcing, V
O =0V
60
5
mA
min
Sinking, V
O = 5V
160
10
mA
min
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com