Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2S06APQR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST2S06APQR
Description  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06APQR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST2S06APQR Datasheet HTML 8Page - STMicroelectronics ST2S06APQR Datasheet HTML 9Page - STMicroelectronics ST2S06APQR Datasheet HTML 10Page - STMicroelectronics ST2S06APQR Datasheet HTML 11Page - STMicroelectronics ST2S06APQR Datasheet HTML 12Page - STMicroelectronics ST2S06APQR Datasheet HTML 13Page - STMicroelectronics ST2S06APQR Datasheet HTML 14Page - STMicroelectronics ST2S06APQR Datasheet HTML 15Page - STMicroelectronics ST2S06APQR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Typical performance characteristics
ST2S06A33 - ST2S06B - ST2S06D33
12/21
Figure 15.
Delay time vs. temperature
(ST2S06A)
Figure 16.
Reset in threshold vs. temperature
(ST2S06A)
Figure 17.
Reset in threshold vs. temperature
(ST2S06D)
Figure 18.
Delay time vs. temperature
(ST2S06D)
Figure 19.
Load transient response (ST2S06A) Figure 20.
Start-up transient (ST2S06A)
VI= 5V, IO1 from 100mA to 500mA
VI= from 0V to 5V, IO1=500mA, Output Voltage=3.3V
V
I Rising from 0V to 5V
50
55
60
65
70
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
T [C°]
V
I Rising from 0V to 5V
50
55
60
65
70
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
T [C°]
Rising
Falling
4
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
-50
-25
0
25
50
75
100
125
T [C°]
Rising
Falling
4
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
-50
-25
0
25
50
75
100
125
T [C°]
Rising
Falling
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
-50
-25
0
25
50
75
100
125
T [°C]
Rising
Falling
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
-50
-25
0
25
50
75
100
125
T [°C]
V
IN Rising from 0V to 5V
50
55
60
65
70
75
-50
-25
0
25
50
75
100
125
T [°C]
V
IN Rising from 0V to 5V
50
55
60
65
70
75
-50
-25
0
25
50
75
100
125
T [°C]
I
O1
V
O1
V
I
V
O1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com