Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100N10P Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP100N10P
Description  100V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N10P Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP100N10P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N10P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N10P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N10P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N10P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N10P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N10P Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP100N10P
100V N-Channel Enhancement Mode MOSFET
AP100N10P/T Rve3.8
臺灣永源微電子科技有限公司
Description
The AP100N10P uses advanced trench technology
to provide excellent RDS(ON),device is suitable for use as a
Battery protection or in other Switching application.
Application
Battery protection
Load switch
Uninterruptible power supply
General Features
VDS = 100V ID = 100A
RDS(ON) < 16mΩ @ VGS=10V
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP100N10P
TO-220-3L
AP100N10P XXX YYYY
1000
AP100N10T
TO-263-3
AP100N10T XXX YYYY
1000
Absolute Maximum Ratings
Parameter
Max.
Units
ID@Tc=25 ْC
Continuous drain current,VGS@10V
100
A
ID@Tc=001ْC
Continuous drain current,VGS@10V
65
IDM
Pulsed drain current ①
300
PD@TC=52ْC
Power dissipation
273
W
Linear derating factor
1.5
W /Cْ
VGS
Gate-to-Source voltage
±20
V
EAS
Single pulse avalanche energy ②
380
mJ
EAR
Repetitive avalanche energy
TBD
mJ
dv/dt
Peak diode recovery voltage
31
v/ns
TJ
TSTG
Operating Junction and Storage
Temperature Range
–55 to +175
Cْ


Similar Part No. - AP100N10P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100N10NF APME-AP100N10NF Datasheet
1Mb / 8P
100V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP100N10P

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
SHIKUES Electronics
SK2328N3 SKTECHNOLGY-SK2328N3 Datasheet
1Mb / 6P
100V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com