Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2S06A33PQR Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST2S06A33PQR
Description  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06A33PQR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST2S06A33PQR Datasheet HTML 13Page - STMicroelectronics ST2S06A33PQR Datasheet HTML 14Page - STMicroelectronics ST2S06A33PQR Datasheet HTML 15Page - STMicroelectronics ST2S06A33PQR Datasheet HTML 16Page - STMicroelectronics ST2S06A33PQR Datasheet HTML 17Page - STMicroelectronics ST2S06A33PQR Datasheet HTML 18Page - STMicroelectronics ST2S06A33PQR Datasheet HTML 19Page - STMicroelectronics ST2S06A33PQR Datasheet HTML 20Page - STMicroelectronics ST2S06A33PQR Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
ST2S06A33 - ST2S06B - ST2S06D33
20/21
9
Revision history
Table 10.
Document revision history
Date
Revision
Changes
3-Sep-2007
1
Initial release.
21-Jan-2008
2
Added root part number ST2S06D33.
18-Mar-2008
3
Modified: Table 2 on page 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com