Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3692 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STG3692
Description  Low voltage high bandwidth quad SPDT switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3692 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STG3692 Datasheet HTML 5Page - STMicroelectronics STG3692 Datasheet HTML 6Page - STMicroelectronics STG3692 Datasheet HTML 7Page - STMicroelectronics STG3692 Datasheet HTML 8Page - STMicroelectronics STG3692 Datasheet HTML 9Page - STMicroelectronics STG3692 Datasheet HTML 10Page - STMicroelectronics STG3692 Datasheet HTML 11Page - STMicroelectronics STG3692 Datasheet HTML 12Page - STMicroelectronics STG3692 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
STG3692
Electrical characteristics
9/18
Table 7. Analog switch characteristics (CL = 5pF, RL = 50Ω, TA = 25°C)
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
OIRR
OFF Isolation (1)
1.65 - 4.3
VS = 1VRMS, f = 1MHz
Signal = 0 dBm
-79
dB
VS = 1VRMS, f = 10MHz
Signal = 0 dBm
-60
Xtalk
Crosstalk
1.65 - 4.3
VS = 1VRMS, f = 1MHz
Signal = 0 dBm
-78
dB
VS = 1VRMS, f = 10MHz
Signal = 0 dBm
-61
BW
-3dB bandwidth
3.0 - 4.3
RL = 50Ω
Signal = 0dBm
800
MHz
DG
Differential gain
3.0 - 4.3
RL = 150
0.64
%
DP
Differential phase
3.0 - 4.3
RL = 150
0.1
deg
CIN
Control pin input
capacitance
VCC = 0V
6.2
pF
CON
Sn Port
capacitance when
switch is enabled
3.3
f = 1MHz
12
COFF
Sn Port
capacitance when
switch is disabled
3.3
f = 1MHz
5
1.
Off Isolation = 20Log10 (VD/VS), VD = output. VS = input to off switch.
Table 8. USB related AC electrical characteristics
Symbol
Parameter
Test conditions
Value
Unit
VCC (V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
tSK(0)
Channel-to-channel skew
3.0 to 3.6
CL=10pF
26
ps
tSK(P)
Skew of opposite transition
of the same output
3.0 to 3.6
CL=10pF
60
ps
TJ
Total jitter
3.0 to 3.6
RL = 50Ω,
CL= 10pF,
tR = tF = 750ps
at 480Mbps
130
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com