Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP90N06NF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP90N06NF
Description  60V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP90N06NF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP90N06NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP90N06NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP90N06NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP90N06NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP90N06NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP90N06NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP90N06NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP90N06NF
60V N-Channel Enhancement Mode MOSFET
AP90N06NF RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min. Typ. Max. Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
60
64
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=60V, VGS=0V,
-
-
1.0
μA
IGSS
Gate to Body Leakage Current
VDS=0V, VGS=±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250μA
2.0
3.0
4.0
V
RDS(on)
Static Drain-Source on-Resistance note
VGS=10V, ID=30A
-
5.8
7.0
mΩ
Ciss
Input Capacitance
VDS=30V, VGS=0V,
f=1.0MHz
-
4136
-
pF
Coss
Output Capacitance
-
286
-
pF
Crss
Reverse Transfer Capacitance
-
257
-
pF
Qg
Total Gate Charge
VDS=30V, ID=30A,
VGS=10V
-
90
-
nC
Qgs
Gate-Source Charge
-
9
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
18
-
nC
td(on)
Turn-on Delay Time
VDS=30V, ID=30A,
RG=1.8Ω, VGS=10V
-
9
-
ns
tr
Turn-on Rise Time
-
7
-
ns
td(off)
Turn-off Delay Time
-
40
-
ns
tf
Turn-off Fall Time
-
15
-
ns
IS
Maximum Continuous Drain to Source Diode ForwardCurrent
-
-
90
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
320
A
VSD
Drain to Source Diode Forward Voltage
VGS=0V, IS=30A
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
IF=30A, dI/dt=100A/μs
-
33
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
46
-
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The test cond≦ 300us
duty cycle ≦ 2%, duty cycle ition is TJ =25℃, VDD =35V, VG =10V, R G =25Ω, L=0.5mH, IAS =21A
4、The power dissipation is limited by 175℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com