Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS9001 Datasheet(PDF) 13 Page - STMicroelectronics

Part # THS9001
Description  50 MHz to 350 MHz CASCADEABLE AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THS9001 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button THS9001_08 Datasheet HTML 9Page - STMicroelectronics THS9001_08 Datasheet HTML 10Page - STMicroelectronics THS9001_08 Datasheet HTML 11Page - STMicroelectronics THS9001_08 Datasheet HTML 12Page - STMicroelectronics THS9001_08 Datasheet HTML 13Page - STMicroelectronics THS9001_08 Datasheet HTML 14Page - STMicroelectronics THS9001_08 Datasheet HTML 15Page - STMicroelectronics THS9001_08 Datasheet HTML 16Page - STMicroelectronics THS9001_08 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ti.com
RED =
GREEN =
SAW
THS9001
SAW
140 MHz
140 MHz SAW: Sawtek #854916
SAW + THS90001
SAW Only
THS9001
1
2
3
6
5
4
R(BIAS)
VS
IF(QUT)
COUT
L(COL)
C(BYP)
0.1 mF
CIN
IF(IN)
VS
1 nF
1 nF
THS9001
SLOS426B – NOVEMBER 2003 – REVISED JANUARY 2007
APPLICATION INFORMATION (continued)
Figure 24 shows the THS9001 and Sawtek #854916 SAW filter frequency response along with the frequency
response of the SAW filter alone. The SAW filter has a center frequency of 140 MHz with 10-MHz bandwidth
and 8-dB insertion loss. It can be seen that the frequency response with the THS9001 is the same as with the
SAW except for a 15-dB gain. The THS9001 is mounted on the standard EVM with VS = 5 V, R(BIAS) = 237 Ω,
and L(COL) = 470 nH. Note the amplifier does not add artifacts to the signal.
Figure 24. Frequency Response of the THS9001 and SAW Filter, and SAW Filter Only
Figure 25. THS9001 Recommended Circuit (Used for all Tests)
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com