Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP90N20MP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP90N20MP
Description  200V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP90N20MP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP90N20MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP90N20MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP90N20MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP90N20MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP90N20MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP90N20MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP90N20MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP90N20MP
200V N-Channel Enhancement Mode MOSFET
AP90N20MP REV1.0
永源微電子科技有限公司
Description
The AP90N20MP uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 12V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 200V ID =90A
RDS(ON) < 25mΩ @ VGS=10V (Type:21mΩ)
Application
Load Switch
PWM Application
Power management
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP90N20MP
TO-247-3L
AP90N20MP XXX YYYY
360
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDSS
Drain-to-Source Voltage
200
V
VGS
Gate-to-Source Voltage
±30
V
ID@TA=25
℃
Continuous Drain Current VGS @ 10V
90
A
ID@TA=70
℃
Continuous Drain Current VGS @ 10V
60
A
IDM
Pulsed Drain Current
300
A
EAS
Single Pulse Avalanche Energy
600
mJ
PD
Power Dissipation
375
W
TSTG
Storage Temperature Range
-55 to 175
℃
TJ
Operating Junction Temperature Range
-55 to 175
℃
RθJC
Thermal Resistance, Junction-to-Case
0.45
℃/ W
RθJA
Thermal Resistance, Junction-to-Ambient
60
℃/ W


Similar Part No. - AP90N20MP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP90N25MP APME-AP90N25MP Datasheet
1Mb / 7P
280V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP90N20MP

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY18N20D HY-HY18N20D Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
HY18N20T HY-HY18N20T Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN20B28KTC DIODES-ZXMN20B28KTC Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZVNL120G DIODES-ZVNL120G_15 Datasheet
567Kb / 6P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMN20B28K DIODES-ZXMN20B28K_15 Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Shenzhen Huazhimei Semi...
HM2N20MR HMSEMI-HM2N20MR Datasheet
928Kb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMAK18N20 LEIDITECH-LMAK18N20 Datasheet
1Mb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJU18N20 PANJIT-PJU18N20 Datasheet
1Mb / 8P
200V N-Channel Enhancement Mode MOSFET
July 18,2017-REV.00
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
STD5N20LT4-TP TECHPUBLIC-STD5N20LT4-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com