Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP90N25MP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP90N25MP
Description  280V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP90N25MP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP90N25MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP90N25MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP90N25MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP90N25MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP90N25MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP90N25MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP90N25MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP90N25MP
280V N-Channel Enhancement Mode MOSFET
AP90N25MP RVE1.1
永源微電子科技有限公司
Description
The AP90N25MP is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 280V ID =90A
RDS(ON) < 35mΩ @ VGS=10V (Type:30mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP90N25MP
TO-247-3L
AP90N25MP XXX YYYY
300
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
280
V
ID
Continuous Drain Current
90
A
IDM
Pulsed Drain Current
360
A
VGSS
Gate-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
2000
mJ
IAS
Avalanche Current
20
A
EAR
Repetitive Avalanche Energy
8
mJ
PD
Power Dissipation (TC = 25ºC)
140
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
0.89
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
40
ºC/W


Similar Part No. - AP90N25MP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP90N20MP APME-AP90N20MP Datasheet
853Kb / 7P
200V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP90N25MP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA62N28 FAIRCHILD-FDA62N28 Datasheet
697Kb / 8P
280V N-Channel MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
Fairchild Semiconductor
FDA75N28 FAIRCHILD-FDA75N28 Datasheet
730Kb / 8P
280V N-Channel MOSFET
FDAF62N28 FAIRCHILD-FDAF62N28 Datasheet
721Kb / 8P
280V N-Channel MOSFET
FDAF75N28 FAIRCHILD-FDAF75N28 Datasheet
726Kb / 8P
280V N-Channel MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com