Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0803BD Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P0803BD
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0803BD Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0803BD Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0803BD Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0803BD Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0803BD Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0803BD Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P0803BDG
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TC = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
30
1
1.8
3
±250
nA
1
10
8.8
9.2
15
19.4
26
S
120
A
910
300
155
4.3
Ω
17
8
5
4
15
13
102
60
38
A
1.3
V
28
nS
18
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
IF = IS, dlF/dt = 100A /mS
UNITS
Qrr
VDS = 15V ,RL=0.75Ω
ID≌20A, VGS = 10V, RGEN =2.5Ω
TEST CONDITIONS
VDS = VGS, ID = 250mA
On-State Drain Current
1
VGS = 10V
IS
nS
mΩ
VGS = 0V, ID = 250mA
IF =IS, VGS = 0V
DYNAMIC
nC
VDS =20V, VGS = 0V
tr
VSD
pF
VGS = 0V, VDS = 15V, f = 1MHz
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C)
tf
VGS(th)
mA
VDS =15V,
ID = 25A
V
Qg
Qgs
Qgd
td(on)
ID(ON)
SYMBOL
V(BR)DSS
td(off)
VDS = 10V, VGS = 10V
Zero Gate Voltage Drain Current
Gate-Body Leakage
Gate Threshold Voltage
Drain-Source Breakdown Voltage
PARAMETER
Forward Transconductance
1
Drain-Source On-State
Resistance
1
VGS =5V, ID =16A
VGS = 0V, VDS = 0V, f = 1MHz
Total Gate Charge
2
VGS = 4.5V
Input Capacitance
VDS =15V, ID =30A
Crss
Rg
VDS =20V, VGS = 0V, TJ = 125°C
VGS =10V, ID =25A
VDS = 0V, VGS = ±20V
LIMITS
STATIC
Reverse Recovery Charge
Turn-Off Delay Time
2
Rise Time
2
Gate Resistance
Reverse Transfer Capacitance
Output Capacitance
Turn-On Delay Time
2
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Recovery Time
IGSS
IDSS
RDS(ON)
gfs
Ciss
Coss
Forward Voltage
1
Continuous Current
Fall Time
2
trr
REV 1.0
2
2014/5/6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com