Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W160BT100GBT Datasheet(PDF) 44 Page - STMicroelectronics

Part # M28W160BT100GBT
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160BT100GBT Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M28W160BT100GBT Datasheet HTML 37Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 38Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 39Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 40Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 41Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 42Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 43Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 44Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
M28W160BT, M28W160BB
44/45
APPENDIX D. COMMAND INTERFACE AND PROGRAM/ERASE CONTROLLER STATE
Table 30. Write State Machine Current/Next
Note: Elect.Sg. = Electronic Signature.
Current
State
SR
bit 7
Data
When
Read
Command Input (and Next State)
Read
Array
(FFh)
Program
Setup
(10/40h)
Erase
Setup
(20h)
Erase
Confirm
(D0h)
Program/
Erase
Suspend
(B0h)
Program/
Erase
Resume
(D0h)
Read
Status
(70h)
Clear
Status
(50h)
Read
Elect.Sg.
(90h)
Read
Array
“1”
Array
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Elect.Sg.
Read
Status
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Elect.Sg.
Read
Elect.Sg.
“1”
Electronic
Signature
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Elect.Sg.
Program
Setup
“1”
Status
Program (Command input = Data to be Programmed)
Program
(continue)
“0”
Status
Program (continue)
Program
Suspend
to Read
Status
Program (continue)
Program
Suspend
to Read
Status
“1”
Status
Program
Suspend
to Read
Array
Program Suspend to
Read Array
Program
(continue)
Program
Suspend
to Read
Array
Program
(continue)
Program
Suspend
to Read
Status
Program
Suspend
to Read
Array
Program
Suspend
to Read
Elect.Sg.
Program
Suspend
to Read
Array
“1”
Array
Program
Suspend
to Read
Array
Program Suspend to
Read Array
Program
(continue)
Program
Suspend
to Read
Array
Program
(continue)
Program
Suspend
to Read
Status
Program
Suspend
to Read
Array
Program
Suspend
to Read
Elect.Sg.
Program
Suspend
to Read
Elect.Sg.
“1”
Electronic
Signature
Program
Suspend
to Read
Array
Program Suspend to
Read Array
Program
(continue)
Program
Suspend
to Read
Array
Program
(continue)
Program
Suspend
to Read
Status
Program
Suspend
to Read
Array
Program
Suspend
to Read
Elect.Sg.
Program
(complete)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Elect.Sg.
Erase
Setup
“1”
Status
Erase Command Error
Erase
(continue)
Erase
Command
Error
Erase
(continue)
Erase Command Error
Erase
Cmd.
Error
“0”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Elect.Sg.
Erase
(continue)
“1”
Status
Erase (continue)
Erase
Suspend
to Read
Status
Erase (continue)
Erase
Suspend
to Read
Status
“1”
Status
Erase
Suspend
to Read
Array
Program
Setup
Erase
Suspend
to Read
Array
Erase
(continue)
Erase
Suspend
to Read
Array
Erase
(continue)
Erase
Suspend
to Read
Status
Erase
Suspend
to Read
Array
Erase
Suspend
to Read
Elect.Sg.
Erase
Suspend
to Read
Array
“1”
Array
Erase
Suspend
to Read
Array
Program
Setup
Erase
Suspend
to Read
Array
Erase
(continue)
Erase
Suspend
to Read
Array
Erase
(continue)
Erase
Suspend
to Read
Status
Erase
Suspend
to Read
Array
Erase
Suspend
to Read
Elect.Sg.
Erase
Suspend
to Read
Elect.Sg.
“1”
Electronic
Signature
Erase
Suspend
to Read
Array
Program
Setup
Erase
Suspend
to Read
Array
Erase
(continue)
Erase
Suspend
to Read
Array
Erase
(continue)
Erase
Suspend
to Read
Status
Erase
Suspend
to Read
Array
Erase
Suspend
to Read
Elect.Sg.
Erase
(complete)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Elect.Sg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com