Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F100T Datasheet(PDF) 20 Page - STMicroelectronics

Part # M29F100T
Description  1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F100T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M29F100T Datasheet HTML 16Page - STMicroelectronics M29F100T Datasheet HTML 17Page - STMicroelectronics M29F100T Datasheet HTML 18Page - STMicroelectronics M29F100T Datasheet HTML 19Page - STMicroelectronics M29F100T Datasheet HTML 20Page - STMicroelectronics M29F100T Datasheet HTML 21Page - STMicroelectronics M29F100T Datasheet HTML 22Page - STMicroelectronics M29F100T Datasheet HTML 23Page - STMicroelectronics M29F100T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Symbol
Parameter
M29F100T / M29F100B
Unit
-70
-90
-120
VCC =5V
± 5%
VCC =5V
± 10%
VCC =5V
± 10%
High Speed
Interface
Standard
Interface
Standard
Interface
Min
Max
Min
Max
Min
Max
tWHQ7V
Write Enable High to DQ7 Valid
(Program, W Controlled)
10
2400
10
2400
10
2400
µs
Write Enable High to DQ7 Valid
(Chip Erase, W Controlled)
1.0
30
1.0
30
1.0
30
sec
tEHQ7V
Chip Enable High to DQ7 Valid
(Program, E Controlled)
10
2400
10
2400
10
2400
µs
Chip Enable High to DQ7 Valid
(Chip Erase, E Controlled)
1.0
30
1.0
30
1.0
30
sec
tQ7VQV
Q7 Valid to Output Valid (Data
Polling)
30
35
50
ns
tWHQV
Write Enable High to Output Valid
(Program)
10
2400
10
2400
10
2400
µs
Write Enable High to Output Valid
(Chip Erase)
1.0
30
1.0
30
1.0
30
sec
tEHQV
Chip Enable High to Output Valid
(Program)
10
2400
10
2400
10
2400
µs
Chip Enable High to Output Valid
(Chip Erase)
1.0
30
1.0
30
1.0
30
sec
Note: 1. All other timings are defined in Read AC Characteristics table.
Table 17. Data Polling and Toggle Bit AC Characteristics (1)
(TA = 0 to 70
°C, –40 to 85°C or –40 to 125°C)
20/30
M29F100T, M29F100B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com