Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMU01020B3JB2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MMU01020B3JB2
Description  Professional Thin Film MELF Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020B3JB2 Datasheet(HTML) 1 Page - Vishay Siliconix

  MMU01020B3JB2 Datasheet HTML 1Page - Vishay Siliconix MMU01020B3JB2 Datasheet HTML 2Page - Vishay Siliconix MMU01020B3JB2 Datasheet HTML 3Page - Vishay Siliconix MMU01020B3JB2 Datasheet HTML 4Page - Vishay Siliconix MMU01020B3JB2 Datasheet HTML 5Page - Vishay Siliconix MMU01020B3JB2 Datasheet HTML 6Page - Vishay Siliconix MMU01020B3JB2 Datasheet HTML 7Page - Vishay Siliconix MMU01020B3JB2 Datasheet HTML 8Page - Vishay Siliconix MMU01020B3JB2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MMU 0102, MMA 0204, MMB 0207 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 20-Jan-2026
1
Document Number: 28713
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Professional Thin Film MELF Resistors
LINKS TO ADDITIONAL RESOURCES
MMU 0102, MMA 0204, and MMB 0207 professional thin
film MELF resistors are the perfect choice for most fields of
modern professional electronics where reliability and
stability is of major concern. The typical applications in the
fields of automotive, telecommunication and medical
equipment reflect the outstanding level of proven reliability.
FEATURES
• IECQ-CECC
approved
according
to
EN 140401-803
• AEC-Q200 qualified
• Advanced metal film technology
• Excellent overall stability: exceeds class 0.25
• Best in class pulse load capability up to
1500 W for 1 μs
• Intrinsic sulfur resistance, PFAS free
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive
• Telecommunication
• Industrial
• Medical equipment
Note
(1) Please refer to APPLICATION INFORMATION below
APPLICATION INFORMATION
When the resistor dissipates power, a temperature rise above the ambient temperature occurs, dependent on the thermal
resistance of the assembled resistor together with the printed circuit board. The rated dissipation applies only if the permitted
film temperature is not exceeded.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime.
Product Page
333
DDD3 D
3D Models
Order Samples
TECHNICAL SPECIFICATIONS
DESCRIPTION
MMU 0102
MMA 0204
MMB 0207
DIN size
0102
0204
0207
Metric size code
RC2211M
RC3715M
RC6123M
Resistance range
0.22
Ω to 2.21 MΩ; 0 Ω
0.22
Ω to 10 MΩ; 0 Ω
0.1
Ω to 15 MΩ; 0 Ω
Resistance tolerance
± 5 %; ± 2 %; ± 1 %; ± 0.5 %
± 5 %; ± 1 %; ± 0.5 %
± 5 %; ± 2 %; ± 1 %; ± 0.5 %
Temperature coefficient
± 50 ppm/K; ± 25 ppm/K
± 100 ppm/K; ± 50 ppm/K;
± 25 ppm/K
Rated dissipation,
P70 (1)
0.3 W
0.4 W
1.0 W
Operating voltage,
Umax. ACRMS/DC
150 V
200 V
350 V
Permissible film temperature,
ϑF max. (1)
155 °C
Operating temperature range (1)
-55 °C to 155 °C
Permissible voltage against ambient (insulation):
1 min,
Uins
200 V
300 V
500 V
Internal thermal resistance (1)
-
46 K/W
26 K/W
Failure rate: FITobserved
≤ 0.05 x 10−9/h


Similar Part No. - MMU01020B3JB2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020B3003DB000 VISHAY-MMU01020B3003DB000 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMU01020B3003DB200 VISHAY-MMU01020B3003DB200 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMU01020B3003DB300 VISHAY-MMU01020B3003DB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMU01020B3003DB700 VISHAY-MMU01020B3003DB700 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMU01020B3003DM300 VISHAY-MMU01020B3003DM300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
More results

Similar Description - MMU01020B3JB2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0102 VISHAY-SMM0102_11 Datasheet
180Kb / 5P
Thin Film Micro-MELF Resistors
16-Aug-11
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
Thin Film Mini-MELF Resistors
16-Sep-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
Thin Film MELF Resistors
28-Jun-11
MMA02040C4993FB300 VISHAY-MMA02040C4993FB300 Datasheet
197Kb / 13P
Professional Thin Film MELF Resistors
15-May-13
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
Thin Film MELF Resistors
28-Jun-11
MMA0204HV VISHAY-MMA0204HV Datasheet
162Kb / 9P
Professional High-Voltage Thin Film MELF Resistors
24-Feb-17
MMA2024HV VISHAY-MMA2024HV Datasheet
160Kb / 9P
Professional High-Voltage Thin Film MELF Resistors
26-Oct-17
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
Thin Film Mini-MELF Resistors
09-Nov-2021
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
Thin Film MELF Resistors
12-Jun-17
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com