Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEVR01-5-S8-1012-R2 Datasheet(PDF) 2 Page - Solid State Supplies.

Part # DEVR01-5-S8-1012-R2
Description  HVDC Contactor 10A / 1000VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DEVR01-5-S8-1012-R2 Datasheet(HTML) 2 Page - Solid State Supplies.

  DEVR01-5-S8-1012-R2 Datasheet HTML 1Page - Solid State Supplies. DEVR01-5-S8-1012-R2 Datasheet HTML 2Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DEVR01 Series
HVDC Contactor 10A / 1000VDC
2
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DEVR01 16-APR-2026FW
Dimensions (mm)
Fig. 2
Electrical Performance
Fig. 1
Circuit Diagram
Fig. 3
Recommended Terminal Screws
(not supplied):
M4 x 0.7 x 8mm
M4 spring washer
M4 flat washer.
Recommended Conductor
2mm2
Torque settings
Terminals: 1.8 - 2.5Nm
Base Mounting: 1.8 - 2.5Nm
Coil Data
Table 1
Coil code
Nominal voltage
(VDC)
Must operate
voltage max.
(VDC at 23°C)
Max.
allowable voltage
(VDC)
Must release
voltage min.
(VDC)
Coil resistance
Ω ±10%
(at 23°C)
Coil Current
(mA)
Coil power
(W at 23°C)
1012
12.0
9.0
14.4
1.2
45.0
266.7
3.2
1024
24.0
18.0
28.0
2.4
167.0
143.7
3.5
1048
48.0
36.0
55.0
4.8
630.0
76.2
3.7
Coil is not polarised
Power Terminals
Non Polarised
Notes:
1: Note coil is not polarised.
2: Nominal dimensions in mm.
3: Tolerances (nominal), <10mm: ± 0.3mm, 10 ~ 50mm: ± 0.6mm, >50mm: ± 1.0mm.
4: Coil wire length and terminations can be customised upon request.
Coil Lead White
AWG22
1. Estimates are based on test and extrapolated data (extrapoloated data can be seen with dotted line). The user is advised to confirm performance
in their application.
2. Recommended conductor size and terminal temperature rise maximum in accordance with ISO (EN) 60947.1 70°C.
3. Estimated electrical life is based on make and break current.
4. All data is based on resistive data.
Green line represents
2mm² conductors.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com