Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3310EQ-Z Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3310EQ-Z
Description  47V, 1.3A, Step-up White LED Driver with True PWM Dimming
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3310EQ-Z Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3310EQ-Z Datasheet HTML 1Page - Monolithic Power Systems MP3310EQ-Z Datasheet HTML 2Page - Monolithic Power Systems MP3310EQ-Z Datasheet HTML 3Page - Monolithic Power Systems MP3310EQ-Z Datasheet HTML 4Page - Monolithic Power Systems MP3310EQ-Z Datasheet HTML 5Page - Monolithic Power Systems MP3310EQ-Z Datasheet HTML 6Page - Monolithic Power Systems MP3310EQ-Z Datasheet HTML 7Page - Monolithic Power Systems MP3310EQ-Z Datasheet HTML 8Page - Monolithic Power Systems MP3310EQ-Z Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP3310
– 47V, 1.3A, STEP-UP WHITE LED DRIVER WITH TRUE PWM DIMMING
MP3310 Rev. 1.1
www.MonolithicPower.com
3
8/10/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 5V, TA = +25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
4.5
25
V
Supply Current (Shutdown)
IIN_SD
VEN = 0V
1
µA
Supply Current (Quiescent)
IIN_QS
VEN = 5V, VLED = 1V
1
2
mA
LDO Output Voltage
VCC
VEN = 5V, 6V < VIN < 25V,
0 < IVCC < 10mA
4.3
5.0
5.5
V
Switching Frequency
fSW
RFSET = 50
kΩ
470
560
650
kHz
RFSET Open
0.8
1
1.2
MHz
Maximum Duty Cycle
DMAX
90
%
Under Voltage Lockout
IN Under Voltage Lockout
VCC_UVLO
VIN Rising
3.6
3.9
4.2
V
Under Voltage Lockout
Hysteresis
450
mV
Open Load Shutdown
Threshold
VOVP
VOV Rising
1.18
1.24
1.30
V
Enable & Dimming
EN Low Threshold
VEN_LOW
VEN Falling
0.6
V
EN High Threshold
VEN_HIGH
VEN Rising
1.6
V
EN Disable Timer
10
ms
Current Regulation Delay
From VEN Rising Edge
2
µs
LED Current Regulation
LED Current
ILED
RISET = 60
kΩ
74.1
76.8
79.5
mA
LED Regulation Voltage
VLED
ILED = 80mA
500
mV
Output Switch
SW On-Resistance
RON
0.3
Ω
SW Current Limit
Duty Cycle = 90%
1.3
A
Thermal Shutdown
150
C
LED Switch (M2, refer block
diagram) On Resistance
2
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com