Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3310EQ-LF-Z Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3310EQ-LF-Z
Description  47V, 1.3A, Step-up White LED Driver with True PWM Dimming
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3310EQ-LF-Z Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3310EQ-LF-Z Datasheet HTML 3Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 4Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 5Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 6Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 7Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 8Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 9Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 10Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP3310
– 47V, 1.3A, STEP-UP WHITE LED DRIVER WITH TRUE PWM DIMMING
MP3310 Rev. 1.1
www.MonolithicPower.com
8
8/10/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Switching Frequency
The resistor on FSET pin is used to set the
switching frequency. The relationship of the
operating frequency vs. the FSET resistor is
showed as the curve in page 5. A 20k
Ω to 100kΩ
FSET
resistor,
which
sets
the
operating
frequency from around 1.2MHz to 300kHz, is
recommended. Leaving the FSET pin open sets
the switching frequency to 1MHz as default.
Setting the LED Current
The regulated total LED current is identical and
set through the current setting resistor on the
ISET pin through the use of the equation:
ILED = 4605V / RISET
For RISET=60.4kΩ, the LED current is set to about
76.2mA. The ISET pin can not be open.
With internal 500mV reference, the current flows
into LED pin should be less than 120mA for
normal operation.
PWM Dimming
Apply a 200Hz to 2kHz square waveform to the
EN pin to implement PWM dimming of the LEDs.
The minimum recommended amplitude of the
PWM signal is 2V.
Setting the Over Voltage Protection
The open load protection is achieved through the
over voltage protection (OVP) setting. In some
cases, LED strings failure results in the feedback
voltage is always zero. The part then keeps
boosting the output voltage higher and higher. If
the output voltage reaches the programmable
OVP threshold, the protection will be triggered.
To make sure the chip functions properly in
normal operation, the OVP setting resistor divider
must
be
set
with
a
proper
value.
The
recommended OVP point is about 1.3 times
higher
than
the
output
voltage
for
normal
operation.
VOV=1.24V x (R1+R2)/R2
Selecting the Inductor
A 10μH to 22µH inductor with a DC current rating
of at least 40% higher than the maximum input
current is recommended for most applications at
wide input range. For highest efficiency, the
inductor’s DC resistance should be as small as
possible.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
high frequency switching current from passing
through the input. Ceramic capacitors with X5R
or X7R dielectrics are highly recommended
because of their low ESR and small temperature
coefficients. For most applications, two
4.7μF
capacitors paralleled is sufficient.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance should be low at
the switching frequency. Ceramic capacitors with
X7R dielectrics are recommended for their low
ESR characteristics. For most applications, a 1
μF
ceramic capacitor is sufficient.
Layout Considerations
Careful attention must be paid to the PCB board
layout and components placement. Proper layout
of the high frequency switching path is critical to
prevent noise and electromagnetic interference
problems. The loop of MP3310 SW to GND pin,
output diode, and output capacitor is flowing with
high frequency pulse current. It must be as short
as possible. The IC exposed pad is internally
connected to GND pin. Lay the GND plane
widely for proper thermal performance. The VCC
pin is the power supply input for the internal
MOSFET switch gate driver and the internal
control circuitry. It must be locally bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com