Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64P44 Datasheet(PDF) 1 Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

Part # 64P44
Description  Vectorbord®
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTOR [VECTOR ELECTRONICS AND TECHNOLOGY, INC.]
Direct Link  https://www.vectorelect.com/
Logo VECTOR - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

64P44 Datasheet(HTML) 1 Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

  64P44 Datasheet HTML 1Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
53
www.vectorelect.com
800-423-5659
ELECTRONICS & TECHNOLOGY, INC.
Vectorbord
®
Vectorbord
® general purpose pre-punched insulating punchboard is available in standard grid patterns shown below
for assembling circuit components. Standard thickness is 1/16”(.062”) except as noted. Vectorbord
® is available in
FR4 epoxy glass, FR2 phenolic, CEM-1 epoxy glass composite and FR-4, HiTg 200
oC laminate (NEW). Vectorbord®
listed below is copper clad or unclad only. For 12” x 12” unpunched panels see pattern X at end of listing.
Selection of terminals and other accessories located on Page 73 . For a complete product list see Web page.
Pattern
G
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
H
H
H
H
H
H
M
M
M
Q
T
X
X
X
X
Part. No.
85G42WE
32P15WE
59P44-032
64P44WE
64P44XXXP
64P44
84P44WE
169P44C1
169P44
169P44XXXP
169P44WEC1
169P44WEC2
169P44WE
169P59-032
169P59-047
169P59C1
169P59XXXP
169P79WE
169P79
169P84
169P84C1
169P84HT
169P84HTC2
64P44HT
169P84WE
169P84WEC1
349P84
169P99
169P99WE
85H48WE
170H48WE-032
170H48WE
85H85WE
170H85WE
155H175WE
126M76-032
336M76-032
336M76-032C1
47Q78WE
17T36WE
12X12WE
12X12WEC1
12X12C1
12X12C2
Width
8.50”
40mm
(1.575”)
4.50”
4.50”
4.50”
4.50”
4.50”
4.50”
4.50”
4.50”
4.50”
4.50”
4.50”
6.00”
6.00”
6.00”
6.00”
8.00”
8.00”
8.50”
8.50”
8.50”
8.50”
4.50”
8.50”
8.50”
8.50”
10.00”
10.00”
4.80”
4.80”
4.80”
8.50”
8.50”
16.00”
4.00”
4.00”
4.00”
100mm
(3.94”)
3.00”
12.00”
12.00”
12.00”
12.00”
Length
17.00”
84mm
(3.307”)
6.00”
6.50”
6.50”
6.50”
8.50”
17.00”
17.00”
17.00”
17.00”
17.00”
17.00”
17.00”
17.00”
17.00”
17.00”
17.00”
17.00”
17.00”
17.00”
17.00”
17.00”
6.50”
17.00”
17.00”
35.00”
17.00”
17.00”
8.50”
17.00”
17.00”
8.50”
17.00”
18.00”
6.50”
17.00”
17.00”
160mm
(6.30”)
6.00”
12.00”
12.00”
12.00”
12.00”
Thick
0.062”
0.062”
0.031”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.031”
0.047”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.032”
0.062”
0.062”
0.062”
0.062”
0.037”
0.037”
0.037”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
Hole
0.062”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.042”
0.062”
0.062”
0.062”
0.062”
0.062”
0.062”
0.025”
0.025”
0.025”
0.6mm
(.025”)
0.067”
None
None
None
None
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass
FR2 Phenolic
CEM-1 Epoxy Glass Composite
FR4 Epoxy Glass
CEM-1 Epoxy Glass Composite,1oz. unplated copper, 1 side
CEM-1 Epoxy Glass Composite
FR2 Phenolic
FR4 Epoxy Glass, 1oz. unplated copper, 1 side
FR4 Epoxy Glass, 1oz. unplated copper, 2 sides
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass
CEM-1 Epoxy Glass Composite,1oz. unplated copper, 1 side
FR2 Phenolic
FR4 Epoxy Glass
CEM-1 Epoxy Glass Composite
CEM-1 Epoxy Glass Composite
CEM-1 Epoxy Glass Composite,1oz. unplated copper, 1 side
FR-4, HiTg 200
o
C, no copper
FR-4, HiTg 200
o
C, 1oz. unplated copper, 2 sides
FR-4, HiTg 200
o
C, no copper
FR4 Epoxy Glass
FR4 Epoxy Glass, 1oz. unplated copper, 1 side
CEM-1 Epoxy Glass Composite
CEM-1 Epoxy Glass Composite
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass, 1oz. unplated copper, 1 side
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass
FR4 Epoxy Glass, 1oz. unplated copper, 1 side
CEM-1 Epoxy Glass Composite,1oz. unplated copper, 1 side
CEM-1 Epoxy Glass Composite,1oz. unplated copper, 2 side
Material Description
CATALOG 127 backup:CATALOG 126.qxd
5/16/2011
11:02 AM
Page 53


Similar Part No. - 64P44

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
64P VISHAY-64P Datasheet
105Kb / 5P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
26-Jan-18
logo
AG Electronica
64P-MM AGELECTRONICA-64P-MM Datasheet
356Kb / 2P
BASE PARA CI 64 PINES MILIMÉTRICA
04/01/2019
64P-MM AGELECTRONICA-64P-MM Datasheet
356Kb / 2P
BASE PARA CI 42 PINES MILIMÉTRICA
04/01/2019
64P-MM AGELECTRONICA-64P-MM Datasheet
356Kb / 2P
BASE PARA CI 54 PINES MILIMÉTRICA
04/01/2019
64P-MM AGELECTRONICA-64P-MM Datasheet
356Kb / 2P
BASE PARA CI 56 PINES MILIMÉTRICA
04/01/2019
More results

Similar Description - 64P44

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Advantech Co., Ltd.
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
Nuvoton Technology Corp...
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
logo
Advantech Co., Ltd.
SKY-TESL-A100-80P ADVANTECH-SKY-TESL-A100-80P Datasheet
205Kb / 1P
NVIDIA® Tesla® A100 80GB
13-Sep-2022
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
logo
AAEON Technology
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com